Electronic Components Datasheet Search
  English  ▼

X  

87C196 Datasheet(PDF) 8 Page - Intel Corporation

Part # 87C196
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196 Datasheet(HTML) 8 Page - Intel Corporation

Back Button 87C196 Datasheet HTML 4Page - Intel Corporation 87C196 Datasheet HTML 5Page - Intel Corporation 87C196 Datasheet HTML 6Page - Intel Corporation 87C196 Datasheet HTML 7Page - Intel Corporation 87C196 Datasheet HTML 8Page - Intel Corporation 87C196 Datasheet HTML 9Page - Intel Corporation 87C196 Datasheet HTML 10Page - Intel Corporation 87C196 Datasheet HTML 11Page - Intel Corporation 87C196 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
87C196KT87C196KS
DC CHARACTERISTICS (Under Listed Operating Conditions) (Continued)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VOL
Output Low Voltage
IOL e 200 mA(35)
03
V
(Outputs Configured as
IOL e 32 mA
045
V
Complementary)
IOL e 70 mA
15
V
VOH
Output High Voltage
IOH eb200 mA(35)
VCC b 03
V
(Outputs Configured as
IOH eb32 mA
VCC b 07
V
Complementary)
IOH eb70 mA
VCC b 15
V
ILI
Input Leakage Current (Std Inputs)
VSS k VIN k VCC
g
10
m
A
ILI1
Input Leakage Current (Port 0)
VSS k VIN k VREF
g
15
m
A
VOH1
SLPINT (P54) and HLDA (P26)
IOH e 08 mA(7)
20
V
Output High Voltage in RESET
VOH2
Output High Voltage in RESET
IOH eb15 mA(18)
VCC b 1V
V
IOH2
Output High Current in RESET
VOH2 e VCC b 10V
b
30
b
120
m
A
VOH2 e VCC b 25V
b
75
b
240
m
A
VOH2 e VCC b 40V
b
90
b
280
m
A
CS
Pin Capacitance (Any pin to VSS)ftest e 10 MHz(6)
10
pF
VOL3
Output Low Voltage in RESET
IOL3 e 4mA(10)
03
(RESET Pin Only)
IOL3 e 6 mA
05
V
IOL3 e 8 mA
08
RWPU
Weak Pullup Resistance
(Note 6)
150K
X
RRST
Reset Pullup Resistor
65K
180K
X
NOTES
1 All BD (bidirectional) pins except INST and CLKOUT INST and CLKOUT are excluded due to their not being weakly
pulled high in reset BD pins include Port1 Port2 Port3 Port4 Port5 and Port6 except SPLINT (P54) and HLDA (P26)
2 Standard input pins include XTAL1 EA RESET and Port 1256 when setup as inputs
3 All bidirectional IO pins when configured as Outputs (PushPull)
4 Device is static and should operate below 1 Hz but only tested down to 4 MHz
5 Maximum IOL IOH currents per pin will be characterized and published at a later date
6 Typicals are based on limited number of samples and are not guaranteed The values listed are at room temperature and
VREF e VCC e 50V
7 Violating these specifications in reset may cause the device to enter test modes (P54 and P26)
8 When P0 is used as analog inputs refer to AD specifications for this characteristic
9 For temperatures k100 C typical is 10 mA
10 This specification is not tested in production and is based upon theoretical estimates andor product characterization
ICC vs Frequency
270999 – 24
NOTES
ICC Max e 325 c Freq a 30
IIDLE Max e 125 c Freq a 20
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com