Electronic Components Datasheet Search
  English  ▼

X  

87C196 Datasheet(PDF) 32 Page - Intel Corporation

Part # 87C196
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196 Datasheet(HTML) 32 Page - Intel Corporation

Back Button 87C196 Datasheet HTML 26Page - Intel Corporation 87C196 Datasheet HTML 27Page - Intel Corporation 87C196 Datasheet HTML 28Page - Intel Corporation 87C196 Datasheet HTML 29Page - Intel Corporation 87C196 Datasheet HTML 30Page - Intel Corporation 87C196 Datasheet HTML 31Page - Intel Corporation 87C196 Datasheet HTML 32Page - Intel Corporation 87C196 Datasheet HTML 33Page - Intel Corporation 87C196 Datasheet HTML 34Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
87C196KT87C196KS
87C196KTKS ERRATA
The following is a list of all known functional devia-
tions for 87C196KTKS devices B-step and later
devices can be identified by a special mark following
the eight digit FPO number on the top of the pack-
age For C-step devices this mark is a ‘‘C’’
1 HOLD OR READY DURING DIVIDE (A-step)
There is a bug in the DIV and DIVB (signed di-
vide) instructions such that if the following 2 con-
ditions are met there may be an error of 1 in the
quotient
a) HOLD or READY is asserted during the first
state of execution of the DIV and DIVB in-
struction
b) HOLD or READY duration is 16 state times for
the DIVB or 24 state times for a DIV instruc-
tion
2 P27 (CLKOUT) (A-step)
Port 27 (CLKOUT) does not operate in open
drain mode
3 P2
REG7 AND P6
REG4 THROUGH P6
REG7 CLEARED (A-step)
P2
REG7 is cleared when P2
SSEL7 bit is
changed froma1toa0 (special function to
LSIO) P6
Reg4 – 7 is cleared when the corre-
sponding P6
SSEL4 – 7 is changed froma1to
a0
4 INDIRECT SHIFT INSTRUCTION (A-step)
The upper three bits of the byte register holding
the shift count are not masked completely If the
shift count register has the value 32 x n where n
e
1 3 5 or 7 the operand wil be shifted 32
times The above condition results in NO shift
taking place
5 INTERNAL RAM POWERDOWN LEAKAGE
(A-step)
If an invalid address is applied to the internal
RAM during power-down the address lines float
This can cause increased current consumption
during power-down To insure a valid address on
the internal RAM execute the idlepower-down
instruction from internal RAM
6 INST PIN (A-step)
On A-step devices the INST pin is pulled medium
low for approx 200 ns after RESET and then
pulled weakly
HIGH until P5SSEL is written to
This is corrected on B-step devices where the
INST pin is pulled medium low for approx 200 ns
after RESET and is then pulled weakly
LOW until
P5SSEL is written to
7 REGISTER
RAM
OVERWRITE
(A-step
B-step)
If a write is performed to a byteword location
within the SFR range of 1F60h to 1FFFh the
data to be written is also written to a correspond-
ding location located within the REGISTER RAM
space 360h to 3FFh To determine the address
of the REGISTER RAM location that is overwrit-
ten an offset of 1C00h can be subtracted from
the byteword addressed in the SFR range
8 BUS TIMING MODES 1 AND 2 (A-step B-step)
Bus timing modes 1 and 2 are not featured or
specified on A-step and B-step parts On C-step
parts Mode 1 is selected by setting bits MSEL1
e
0 and MSEL0 e 1 in the CCB1 register
Mode 2 is similarly selected by setting MSEL1 e
1 and MSEL0 e 0
Timings are altered by
Mode 1 and Mode 2 as follows (for actual values
see the Bus Mode 1 and Bus Mode 2 AC Charac-
teristics in this data sheet)
Mode 1 RD WR advanced 1 TOSC
ALE advanced 05 TOSC
ALE pulse width remains 1 TOSC
Mode 2 RD WR advanced 1 TOSC
ALE advanced 05 TOSC
ALE pulse width remains 1 TOSC
Address advanced 05 TOSC
9 VOH2 (A-step b-step)
A- and B-step parts are capable of VOH2 e VCC
b
1V with IOH eb6 mA C-step devices meet
the target values of VOH2 e VCC b 1V with IOH
eb
15 mA
10 CLKOUT DURING RESET (A-step
B-step
C-step)
For
all
steppings
of
the
87C196KT
the
CLKOUT function during RESET (P27) differs
from the 87C196KR C-step During RESET on
the 87C196KT CLKOUT does not toggle and
remains in the high state During RESET on the
87C196KR C-step CLKOUT countinues to tog-
gle
32
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com