Electronic Components Datasheet Search
  English  ▼

X  

87C196 Datasheet(PDF) 22 Page - Intel Corporation

Part # 87C196
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196 Datasheet(HTML) 22 Page - Intel Corporation

Back Button 87C196 Datasheet HTML 18Page - Intel Corporation 87C196 Datasheet HTML 19Page - Intel Corporation 87C196 Datasheet HTML 20Page - Intel Corporation 87C196 Datasheet HTML 21Page - Intel Corporation 87C196 Datasheet HTML 22Page - Intel Corporation 87C196 Datasheet HTML 23Page - Intel Corporation 87C196 Datasheet HTML 24Page - Intel Corporation 87C196 Datasheet HTML 25Page - Intel Corporation 87C196 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
87C196KT87C196KS
BUS MODE 2HOLDHOLDA TIMINGS (Over Specified Operation Conditions)
Test Conditions Capacitance Load on All Pins e 100 pF Rise and Fall Times e 10 ns
Symbol
Parameter
Min
Max
Units
THVCH
HOLD Setup Time
a
65
ns(1)
TCLHAL
CLKOUT Low to HLDA Low
b
15
a
15
ns
TCLBRL
CLKOUT Low to BREQ Low
b
15
a
15
ns
TAZHAL
HLDA Low to Address Float
a
25
ns
TBZHAL
HLDA Low to BHE INST RD WR Weakly Driven
a
25
ns
TCLHAH
CLKOUT Low to HLDA High
b
25
a
15
ns
TCLBRH
CLKOUT Low to BREQ High
b
25
a
15
ns
THAHAX
HLDA High to Address No Longer Float
b
15
ns
THAHBV
HLDA High to BHE INST RD WR Valid
b
10
ns
NOTE
1 To guarantee recognition at next clock
MODE 28XC196KT HOLD HOLDA TIMINGS
270999 – 15
22
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com