Electronic Components Datasheet Search
  English  ▼

X  

87C196 Datasheet(PDF) 28 Page - Intel Corporation

Part # 87C196
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196 Datasheet(HTML) 28 Page - Intel Corporation

Back Button 87C196 Datasheet HTML 24Page - Intel Corporation 87C196 Datasheet HTML 25Page - Intel Corporation 87C196 Datasheet HTML 26Page - Intel Corporation 87C196 Datasheet HTML 27Page - Intel Corporation 87C196 Datasheet HTML 28Page - Intel Corporation 87C196 Datasheet HTML 29Page - Intel Corporation 87C196 Datasheet HTML 30Page - Intel Corporation 87C196 Datasheet HTML 31Page - Intel Corporation 87C196 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
87C196KT87C196KS
SLAVE PROGRAMMING MODE TIMING IN DATA PROGRAM MODE WITH REPEATED PROG PULSE
AND AUTO INCREMENT
270999 – 21
AC CHARACTERISTICSSERIAL PORT-SHIFT REGISTER MODE
SERIAL PORT TIMINGSHIFTING REGISTER MODE
Test Conditions TA eb40 Cto a125 C VCC e 50V g10% VSS e 00V Load Capacitance e pF
Symbol
Parameter
Min
Max
Units
TXLXL
Serial Port Clock Period
8 TOSC
ns
TXLXH
Serial Port Clock Falling Edge to Rising Edge
4 TOSC b 50
TOSC a 50
ns
TQVXH
Output Data Setup to Clock Rising Edge
3 TOSC
ns
TXHQX
Output Data Hold after Clock Rising Edge
2 TOSC b 50
ns
TXHQV
Next Output Data Valid after Clock Rising Edge
2 TOSC a 50
ns
TDVXH
Input Data Setup to Clock Rising Edge
2 TOSC a 200
ns
TXHDX(8)
Input Data Hold after Clock Rising Edge
0
ns
TXHQZ(8)
Last Clock Rising to Output Float
5 TOSC
ns
NOTE
8 Parameters not tested
28
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com