Electronic Components Datasheet Search
  English  ▼

X  

UPC1876 Datasheet(PDF) 24 Page - NEC

Part # UPC1876
Description  US MTS DECODER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1876 Datasheet(HTML) 24 Page - NEC

Back Button UPC1876 Datasheet HTML 20Page - NEC UPC1876 Datasheet HTML 21Page - NEC UPC1876 Datasheet HTML 22Page - NEC UPC1876 Datasheet HTML 23Page - NEC UPC1876 Datasheet HTML 24Page - NEC UPC1876 Datasheet HTML 25Page - NEC UPC1876 Datasheet HTML 26Page - NEC UPC1876 Datasheet HTML 27Page - NEC UPC1876 Datasheet HTML 28Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
µPC1876
24
Data Sheet S11666EJ4V0DS00
6.
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = +25˚C)
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
11
V
LED driver current
ID
Current fed into SAPL and STL pins
30
mA
Control pin voltage
Vcont
Voltage applied to fHSW, SAP1/2,
VCC + 0.2
V
ST/SAP, MUTE and FMONO pins
Input signal voltage
Vin
Voltage applied to COM pin
VCC
V
Power dissipation
PD
TA = 75˚C, in using the Universal
500
mW
(10
× 10 cm2) Glass Epoxy Board
Operating ambient temperature
TA
VCC = 9 V
–20 to +75
˚C
Storage temperature
Tstg
–40 to +125
˚C
Caution If any of the parameters exceeds the absolute maximum ratings, even momentarily, the device
reliability may be impaired. The absolute maximum ratings are values that may physically damage
the product. Be sure to use the product within the ratings.
Recommended Operating Conditions
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply voltage
VCC
8.0
9.0
10.0
V
LED driver current
ID
Current fed into SAPL and STL pins
25
mA
Output load impedance 1
RL1
A.C. load impedance which can drive
2
k
Ω
output from ROT and LOT pins.
(at 100% modulation)
Output load impedance 2
RL2
A.C. load impedance which can drive
10
k
Ω
output from SOT pin.
(at 100% modulation)
Input signal voltage
Vin
Signal voltage
L + R signal
0.424
Vp-p
applied to COM
(100% modulation)
pin
L – R signal
0.848
Vp-p
(100% modulation)
Pilot signal
0.0848
Vp-p
SAP signal
0.254
Vp-p
Control pin voltage 1 (High)
VcontH1
SAP1/2, ST/SAP and MUTE pins
3.5
VCC
V
Control pin voltage 1 (Low)
VcontL1
0
0.8
V
Control pin voltage 2 (High)
VcontH2
FMONO pin
3.5
VCC
V
Control pin voltage 2 (Mid.)
VcontM2
1.5
2.5
V
Control pin voltage 2 (Low)
VcontL2
0
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com