Electronic Components Datasheet Search
  English  ▼

X  

UPC1876 Datasheet(PDF) 20 Page - NEC

Part # UPC1876
Description  US MTS DECODER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1876 Datasheet(HTML) 20 Page - NEC

Back Button UPC1876 Datasheet HTML 16Page - NEC UPC1876 Datasheet HTML 17Page - NEC UPC1876 Datasheet HTML 18Page - NEC UPC1876 Datasheet HTML 19Page - NEC UPC1876 Datasheet HTML 20Page - NEC UPC1876 Datasheet HTML 21Page - NEC UPC1876 Datasheet HTML 22Page - NEC UPC1876 Datasheet HTML 23Page - NEC UPC1876 Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
µPC1876
20
Data Sheet S11666EJ4V0DS00
4.
PRECAUTIONS
4.1
Impedance of Input Pins and Output Pins
Each impedance of input and output pins are the following.
Pin name
Impedance
Input
COMPOSITE SIGNAL INPUT
80 k
Ω
SAP DISCRIMINATION FILTER INPUT
40 k
Ω
SAP SINGLE INPUT
80 k
Ω
WIDE BAND VCA INPUT
80 k
Ω
MONAURAL OFFSET ABSORPTION 1
80 k
Ω
Output
SAP BPF OUTPUT
360
Ω
SAP SINGLE OUTPUT
360
Ω
VARIABLE EMPHASIS OUTPUT
360
Ω
MONAURAL OFFSET ABSORPTION 2
360
Ω
R CHANNEL OUTPUT
15
Ω
L CHANNEL OUTPUT
15
Ω
Scattering rate of impedance is about
±30%.
4.2
Output Load Impedance
If the L CHANNEL OUTPUT pin and the R CHANNEL OUTPUT pin are connected to GND through 10 k
Ω resistor,
they can drive 700
Ω load impedance.
And, when connecting a load capacitance over 100 pF to the L/R CHANNEL OUTPUT pins, parasitic oscillation
can cause. In this case, insert a resistor between the L/R CHANNEL OUTPUT pins and the load capacitance. Note
that the load capacitance changes by printed-wiring pattern of set.
Caution To insert the DC load resistor (RL) between the L/R CHANNEL OUTPUT pins and GND, the RL should
be equal or more than 3 k
Ω. Note that the DC current increments 4.5/RL [A] per one output pin when
inserting the RL, because the medium potential is 4.5 V (VCC = 9 V).
If the RL is less than 3 k
Ω, the distortion rate may become worse extremely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com