Electronic Components Datasheet Search
  English  ▼

X  

UPC1876 Datasheet(PDF) 27 Page - NEC

Part # UPC1876
Description  US MTS DECODER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1876 Datasheet(HTML) 27 Page - NEC

Back Button UPC1876 Datasheet HTML 23Page - NEC UPC1876 Datasheet HTML 24Page - NEC UPC1876 Datasheet HTML 25Page - NEC UPC1876 Datasheet HTML 26Page - NEC UPC1876 Datasheet HTML 27Page - NEC UPC1876 Datasheet HTML 28Page - NEC UPC1876 Datasheet HTML 29Page - NEC UPC1876 Datasheet HTML 30Page - NEC UPC1876 Datasheet HTML 31Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
µPC1876
27
Data Sheet S11666EJ4V0DS00
Electrical Characteristics Measurement List (TA = +25˚C, RH
≤ 70%, VCC = 9.0 V)
(1/6)
Measurement
Current flowing to VCC pin (no signal).
Input signal (f = 15.734 kHz) to COM pin. Raise input voltage gradually until stereo LED
turns ON. Then measure input voltage of COM pin.
Input signal (f = 15.734 kHz) to COM pin for stereo LED to be ON. Lower input voltage
gradually until stereo LED turns OFF. Then assume input voltage “V”.
STHY = 20 log
STSENSE
V
Input signal (f = 14.5 kHz, Vin = 0.0848 Vp-p [30 mVr.m.s.]) to COM pin. Raise input
frequency gradually until stereo LED turns ON. Then assume input frequency “fin1”.
CC =
15.734 [kHz] – fin1
15.734 [kHz]
Next, input signal (f = 17.0 kHz, Vin = 0.0848 Vp-p [30 mVr.m.s.]) to COM pin. Lower input
frequency gradually until stereo LED turns ON. Then assume input frequency “fin2”.
CC =
fin2 – 15.734 [kHz]
15.734 [kHz]
Input signal (f = 78.67 kHz, no modulation) to COM pin. Raise input voltage gradually
until SAP LED turns ON. Then measure input volage of COM pin.
Input signal (f = 78.67 kHz, no modulation) to COM pin for SAP LED to be ON.
Lower input voltage gradually until SAP LED turns OFF. Then assume input voltage “V”.
SAPHY = 20 log
SAPSENSE
V
Apply 6.0 V to SDT pin. Input signal (f = 160 kHz, Vin = 10 mVr.m.s.) to COM pin. Raise
frequency and measure the DC voltage of NDT pin. At maximum voltage, raise input
voltage gradually until SAP LED turns OFF. Then measure input voltage of COM pin.
Apply 6.0 V to SDT pin. Input signal (f = 160 kHz, Vin = 90 mVr.m.s.) to COM pin. Raise
frequency and measure the DC voltage of NDT pin. At maximum voltage, lower input
voltage gradually until SAP LED turns ON. Then assume input voltage of COM pin “V”.
NOHY = 20 log
NOSENSE
V
Set MUTE and FMONO pins to “L”.
Input monaural signal (100% modulation, f = 300 Hz) to COM pin. Measure output
voltage of ROT pin.
Execute the same operation for LOT pin.
Set ST/SAP and FMONO pins to “H” and MUTE pin to “L”.
Input L-only signal (100% modulation, f = 300 Hz) to COM pin. Measure output voltage
of LOT pin.
Execute the same operation for ROT pin (R-only signal).
Set FMONO pin to “H” and SAP1/2, ST/SAP, MUTE pins to “L”.
Input SAP signal (100% modulation, f = 300 Hz) to COM pin. Measure output voltage of
ROT pin.
Execute the same operation for LOT pin.
Set FMONO pin to “H” and SAP1/2, ST/SAP, MUTE pins to “L”.
Input SAP signal (100% modulation, f = 300 Hz) to COM pin. Measure output voltage of
SOT pin.
(Noise reduction : OFF)
Parameter
Supply current
Stereo detection
input sensitivity
Stereo detection
hysteresis
Stereo detection
capture range
SAP detection
input sensitivity
SAP detection
hysteresis
Noise detection
input sesitivity
Noise detection
hysteresis
Monaural total
output voltage
Stereo total output
voltage
SAP total output
voltage
SAP single output
voltage
Symbol
ICC
STSENSE
STHY
CC
SAPSENSE
SAPHY
NOSENSE
NOHY
VOMO
VOST
VOSAP1
VOSAP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com