Electronic Components Datasheet Search
  English  ▼

X  

UPC1876 Datasheet(PDF) 10 Page - NEC

Part # UPC1876
Description  US MTS DECODER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1876 Datasheet(HTML) 10 Page - NEC

Back Button UPC1876 Datasheet HTML 6Page - NEC UPC1876 Datasheet HTML 7Page - NEC UPC1876 Datasheet HTML 8Page - NEC UPC1876 Datasheet HTML 9Page - NEC UPC1876 Datasheet HTML 10Page - NEC UPC1876 Datasheet HTML 11Page - NEC UPC1876 Datasheet HTML 12Page - NEC UPC1876 Datasheet HTML 13Page - NEC UPC1876 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
µPC1876
10
Data Sheet S11666EJ4V0DS00
(5/7)
Pin Number
Pin Name
Symbol
Internal Equivalent Circuit
28
R CHANNEL OUTPUT
ROT
29
L CHANNEL OUTPUT
LOT
Same as ROT pin
30
VCA OFFSET ABSORPTION
VOA
31
SIGNAL GND
GND
32
MONAURAL OFFSET
MOA1
Same as COM pin
ABSORPTION 1
33
MONAURAL OFFSET
MOA2
Same as SBO pin
ABSORPTION 2
34
1/2 VCC FILTER
VRE
1 k
Ω
VCC
GND
28
10 k
Ω
200
Ω
200
Ω
5 k
Ω
1 k
Ω
5 k
Ω
5 k
Ω
40
k
Ω
30
VCC
GND
40 k
Ω
5 k
Ω
10 k
Ω
10 k
Ω
5 pF
10 k
Ω
10 k
Ω
10 k
Ω
VCC
1
2
VCC
GND
VCC
34
20
k
Ω
10 k
Ω
20
k
Ω
20 k
Ω 10 kΩ
5 k
Ω
10 k
Ω 10 kΩ
20 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com