Electronic Components Datasheet Search
  English  ▼

X  

UPC1876 Datasheet(PDF) 32 Page - NEC

Part # UPC1876
Description  US MTS DECODER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1876 Datasheet(HTML) 32 Page - NEC

Back Button UPC1876 Datasheet HTML 28Page - NEC UPC1876 Datasheet HTML 29Page - NEC UPC1876 Datasheet HTML 30Page - NEC UPC1876 Datasheet HTML 31Page - NEC UPC1876 Datasheet HTML 32Page - NEC UPC1876 Datasheet HTML 33Page - NEC UPC1876 Datasheet HTML 34Page - NEC UPC1876 Datasheet HTML 35Page - NEC UPC1876 Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
µPC1876
32
Data Sheet S11666EJ4V0DS00
(6/6)
Parameter
Monaural total
S/N
Stereo total S/N
SAP total S/N
Reference voltage
DC saturation
voltage
Symbol
S/NMO
S/NST
S/NSAP
Vref
VOSAT2
Measurement
Set MUTE and FMONO pins to “L”.
Input no signal to COM pin, and assume output voltage of ROT pin “VNMO”.
Input monaural signal (100% modulation, f = 300 Hz) to COM pin, and assume output
voltage of ROT pin “VSMO”.
S/NMO = 20 log
VSMO
VNMO
Execute the same operation for LOT pin.
Set ST/SAP, FMONO pins to “H” and MUTE pin to “L”.
Input pilot signal to COM pin, and assume output voltage of ROT pin “VNST”.
Input stereo signal (100% modulation, f = 300 Hz) to COM pin, and assume output
voltage of ROT pin “VSST”.
S/NST = 20 log
VSST
VNST
Execute the same operation for LOT pin.
Set FMONO pin to “H” and SAP1/2, ST/SAP pins to “L”.
Input 5fH signal to COM pin, and assume output voltage of ROT pin “VNSAP”.
Input SAP signal (100% modulation, f = 300 Hz) to COM pin, and assume output voltage
of ROT pin “VSSAP”.
S/NSAP = 20 log
VSSAP
VNSAP
Execute the same operation for LOT pin.
Measure DC voltage of 1.5 V pin.
Apply flowing current (1 mA) to DCO pin and measure DC voltage of DCO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com