Electronic Components Datasheet Search
  English  ▼

X  

UPC1876 Datasheet(PDF) 25 Page - NEC

Part # UPC1876
Description  US MTS DECODER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1876 Datasheet(HTML) 25 Page - NEC

Back Button UPC1876 Datasheet HTML 21Page - NEC UPC1876 Datasheet HTML 22Page - NEC UPC1876 Datasheet HTML 23Page - NEC UPC1876 Datasheet HTML 24Page - NEC UPC1876 Datasheet HTML 25Page - NEC UPC1876 Datasheet HTML 26Page - NEC UPC1876 Datasheet HTML 27Page - NEC UPC1876 Datasheet HTML 28Page - NEC UPC1876 Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
µPC1876
25
Data Sheet S11666EJ4V0DS00
Electrical Characteristics (TA = +25˚C, RH
≤ 70%, VCC = 9.0 V unless otherwise specified)
(1/2)
Parameter
Symbol
Test conditions
MIN.
TYP.
MAX.
Unit
Supply current
ICC
No signal
19
27
38
mA
Stereo detection input sensitivity
STSENSE
f = 15.734 kHz, sine wave
9
13
18
mVr.m.s.
Stereo detection hysteresis
STHY
Input stereo pilot signal only
5.0
7.5
10.0
dB
Stereo detection capture range
CCH
Vin = 30 mVr.m.s.
2.5
4.0
5.5
%
CCL
Input stereo pilot signal only
–5.5
–4.0
–2.5
%
SAP detection input sensitivity
SAPSENSE
f = 78.67 kHz, 0% modulation
17
23
30
mVr.m.s.
Input SAP carrier only
SAP detection hysteresis
SAPHY
f = 78.67 kHz, 0% modulation
3.3
4.8
6.3
dB
Input SAP carrier only
Noise detection input sensitivity
NOSENSE
Input sine wave
21
30
40
mVr.m.s.
Frequency: noise BPF peak point
Noise detection hysteresis
NOHY
Input sine wave
1.0
2.0
3.0
dB
Frequency: noise BPF peak point
Monaural total output voltage
VOMO
f = 300 Hz, 100% modulation
450
500
550
mVr.m.s.
Stereo total output voltage
VOST
f = 300 Hz, 100% modulation
450
500
550
mVr.m.s.
SAP total output voltage
VOSAP1
f = 300 Hz, 100% modulation
400
500
600
mVr.m.s.
SAP single output voltage
VOSAP2
f = 300 Hz, 100% modulation
450
500
550
mVr.m.s.
Noise reduction : OFF
Difference between monaural
VOLR
f = 300 Hz, 100% modulation
–0.5
0
+0.5
dB
L and R output voltage
Monaural total frequency
VOMO1
f = 1 kHz, 30% modulation
–0.5
0
+0.5
dB
characteristics 1
(f = 300 Hz : 0 dB)
Monaural total frequency
VOMO2
f = 3 kHz, 30% modulation
–0.5
0
+0.5
dB
characteristics 2
(f = 300 Hz : 0 dB)
Monaural total frequency
VOMO3
f = 8 kHz, 30% modulation
–0.8
0
+0.8
dB
characteristics 3
(f = 300 Hz : 0 dB)
Monaural total frequency
VOMO4
f = 12 kHz, 30% modulation
–3.0
–1.5
–0.5
dB
characteristics 4
(f = 300 Hz : 0 dB)
Stereo total frequency
VOST1
f = 1 kHz, 30% modulation
–0.5
0
+0.5
dB
characteristics 1
(f = 300 Hz : 0 dB)
Stereo total frequency
VOST2
f = 3 kHz, 30% modulation
–0.5
0
+0.5
dB
characteristics 2
(f = 300 Hz : 0 dB)
Stereo total frequency
VOST3
f = 8 kHz, 30% modulation
–1.7
–0.8
+0.1
dB
characteristics 3
(f = 300 Hz : 0 dB)
Stereo total frequency
VOST4
f = 12 kHz, 30% modulation
–6.0
–4.0
–2.5
dB
characteristics 4
(f = 300 Hz : 0 dB)
SAP total frequency
VOSAP11
f = 1 kHz, 30% modulation
–1.2
+0.3
+1.2
dB
characteristics 1
(f = 300 Hz : 0 dB)
SAP total frequency
VOSAP12
f = 3 kHz, 30% modulation
–0.6
+0.5
+1.6
dB
characteristics 2
(f = 300 Hz : 0 dB)
SAP total frequency
VOSAP13
f = 8 kHz, 30% modulation
–2.5
–0.5
+1.5
dB
characteristics 3
(f = 300 Hz : 0 dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com