Electronic Components Datasheet Search
  English  ▼

X  

1892 Datasheet(PDF) 37 Page - NEC

Part # 1892
Description  MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

1892 Datasheet(HTML) 37 Page - NEC

Back Button 1892 Datasheet HTML 33Page - NEC 1892 Datasheet HTML 34Page - NEC 1892 Datasheet HTML 35Page - NEC 1892 Datasheet HTML 36Page - NEC 1892 Datasheet HTML 37Page - NEC 1892 Datasheet HTML 38Page - NEC 1892 Datasheet HTML 39Page - NEC 1892 Datasheet HTML 40Page - NEC 1892 Datasheet HTML 41Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
µPC1892
37
5. Effect Control Voltage
Remark
VVOL: Volume control voltage, VL+R: L+R volume control voltage, VBAS: Bass control voltage, VTRE: Treble control
voltage, VBAL: Balance control voltage.
INPUT/OUTPUT CHARACTERISTICS, DISTORTION FACTOR
Remark
VVOL: Volume control voltage, VBAL: Balance control voltage, VBAS: Bass control voltage, VTRE: Treble control
voltage.
f = 1 kHz
VIN = 1.4 VP-P (=0 dB)
VVOL = 5.0 V
VL+R = 5.0 V
VBAS = 2.5 V
VTRE = 2.5 V
VBAL = 2.5 V
10
0
01
2
3
4
5
-10
-20
-30
-40
Effect control voltage (V)
Movie mode
Music mode
Simulated mode
Output voltage
3.0
2.0
1.0
0.3
0.2
0.1
0
0.5
1.0
1.5
2.0
Input signal (Vrms)
2.5
3.0
3.5
Distortion factor
f = 1 kHz
VVOL = 5.0 V
VBAL = 2.5 V
VBAS = 2.5 V
VTRE = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com