Electronic Components Datasheet Search
  English  ▼

X  

1892 Datasheet(PDF) 39 Page - NEC

Part # 1892
Description  MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

1892 Datasheet(HTML) 39 Page - NEC

Back Button 1892 Datasheet HTML 34Page - NEC 1892 Datasheet HTML 35Page - NEC 1892 Datasheet HTML 36Page - NEC 1892 Datasheet HTML 37Page - NEC 1892 Datasheet HTML 38Page - NEC 1892 Datasheet HTML 39Page - NEC 1892 Datasheet HTML 40Page - NEC 1892 Datasheet HTML 41Page - NEC 1892 Datasheet HTML 42Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
µPC1892
39
PACKAGE DIMENSIONS
30PIN PLASTIC SHRINK DIP (400 mil)
ITEM
MILLIMETERS
INCHES
NOTES
1) Each lead centerline is located within 0.17 mm (0.007 inch) of
its true position (T.P.) at maximum material condition.
N
0.17
0.007
A
28.46 MAX.
1.121 MAX.
B
1.78 MAX.
0.070 MAX.
F
0.85 MIN.
0.033 MIN.
G
3.2±0.3
0.126±0.012
J
5.08 MAX.
0.200 MAX.
K
10.16 (T.P.)
0.400 (T.P.)
C
1.778 (T.P.)
0.070 (T.P.)
D
0.50±0.10
0.020+0.004
–0.005
H
0.51 MIN.
0.020 MIN.
I
4.31 MAX.
0.170 MAX.
L
8.6
0.339
M
0.25
0.010+0.004
–0.003
+0.10
–0.05
M
R
M
I
H
G
F
DN
C
B
K
S30C-70-400B-1
R
0~15
°
0~15
°
2) ltem "K" to center of leads when formed parallel.
115
30
16
A
L
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com