Electronic Components Datasheet Search
  English  ▼

X  

1892 Datasheet(PDF) 23 Page - NEC

Part # 1892
Description  MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

1892 Datasheet(HTML) 23 Page - NEC

Back Button 1892 Datasheet HTML 19Page - NEC 1892 Datasheet HTML 20Page - NEC 1892 Datasheet HTML 21Page - NEC 1892 Datasheet HTML 22Page - NEC 1892 Datasheet HTML 23Page - NEC 1892 Datasheet HTML 24Page - NEC 1892 Datasheet HTML 25Page - NEC 1892 Datasheet HTML 26Page - NEC 1892 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
µPC1892
23
Electrical characteristics measurement:
µPC1892CT-02 Volume control, tone control block (3/3)
Parameter
Symbol
Test conditions
Surround
mode
VOL
BAL
TRE
BAS
L+R
EFF
Low-band cut control VBC
OFF
5.0
2.5
2.5
2.5
–
–
↓
L-channel
0.5
LIN (Pin 25) : f = 100 Hz, VIN = 0.5 Vr.m.s.
VREF : LOUT (Pin 14) (Bass control
voltage : 2.5 V)
VATT : LOUT (Pin 14) (Bass control
voltage : 0.5 V)
R-channel
RIN (Pin 26) : f = 100 Hz, VIN = 0.5 Vr.m.s.
VREF : ROUT (Pin 12) (Bass control
voltage : 2.5 V)
VATT : ROUT (Pin 12) (Bass control
voltage : 0.5 V)
High-band boost
VTB
OFF
5.0
2.5
2.5
2.5
–
–
control
↓
L-channel
4.5
LIN (Pin 25) : f = 10 kHz, VIN = 0.5 Vr.m.s.
VREF : LOUT (Pin 14) (Treble control
voltage : 2.5 V)
VBST : LOUT (Pin 14) (Treble control
voltage : 4.5 V)
R-channel
RIN (Pin 26) : f = 10 kHz, VIN = 0.5 Vr.m.s.
VREF : ROUT (Pin 12) (Treble control
voltage : 2.5 V)
VBST : ROUT (Pin 12) (Treble control
voltage : 4.5 V)
High-band cut
VTC
OFF
5.0
2.5
2.5
2.5
–
–
control
↓
L-channel
0.5
LIN (Pin 25) : f = 10 kHz, VIN = 0.5 Vr.m.s.
VREF : LOUT (Pin 14) (Treble control
voltage : 2.5 V)
VATT : LOUT (Pin 14) (Treble control
voltage : 0.5 V)
R-channel
RIN (Pin 26) : f = 10 kHz, VIN = 0.5 Vr.m.s.
VREF : ROUT (Pin 12) (Treble control
voltage : 2.5 V)
VATT : ROUT (Pin 12) (Treble control
voltage : 0.5 V)
Note 1. OFF: OFF mode
2. VOL: Volume control voltage, BAL: Balance control voltage, TRE: Treble control voltage, BAS: Bass control voltage,
L+R: L+R volume control voltage, EFF: Effect control voltage, –: Undefined
Note 1
Control pin voltage (V) Note 2
VATT
VTC = 20 log
VREF
VBST
VTB = 20 log
VREF
VATT
VBC = 20 log
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com