Electronic Components Datasheet Search
  English  ▼

X  

1892 Datasheet(PDF) 4 Page - NEC

Part # 1892
Description  MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

1892 Datasheet(HTML) 4 Page - NEC

  1892 Datasheet HTML 1Page - NEC 1892 Datasheet HTML 2Page - NEC 1892 Datasheet HTML 3Page - NEC 1892 Datasheet HTML 4Page - NEC 1892 Datasheet HTML 5Page - NEC 1892 Datasheet HTML 6Page - NEC 1892 Datasheet HTML 7Page - NEC 1892 Datasheet HTML 8Page - NEC 1892 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
µPC1892
4
PIN CONFIGURATIONS (Top View)
30
Low Pass Filter2
LF2
29
Monaural Filter Input
MFI
28
Monaural Filter Output
MFO
27
Low Pass Filter1
LF1
26
R-ch Signal Input
RIN
25
L-ch Signal Input
LIN
24
Reference Voltage
RF
23
Effect Control
EFF
22
L-ch Treble Capacitor
LTC
21
L-ch Bass Capacitor
LBC
20
Balance Control
BAL
19
Volume Control
VOL
18
L+R-ch Volume Control
L + R
17
Bass Control
BAS
16
Treble Control
TBL
1VCC
Supply Voltage
2
FC1
Phase Shift Filter1
3
FC2
Phase Shift Filter2
4
FC3
Phase Shift Filter3
5
FC4
Phase Shift Filter4
6OF
Offset Filter
7
MS1
Mode Select1
8
MS2
Mode Select2
9
REARout
Rear Output
10
RTC
R-ch Treble Capacitor
11
RBC
R-ch Bass Capacitor
12
Rout
R-ch Signal Output
13
L + Rout
L+R-ch Signal Output
14
Lout
L-ch Signal Output
15
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com