Electronic Components Datasheet Search
  English  ▼

X  

1892 Datasheet(PDF) 8 Page - NEC

Part # 1892
Description  MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

1892 Datasheet(HTML) 8 Page - NEC

Back Button 1892 Datasheet HTML 4Page - NEC 1892 Datasheet HTML 5Page - NEC 1892 Datasheet HTML 6Page - NEC 1892 Datasheet HTML 7Page - NEC 1892 Datasheet HTML 8Page - NEC 1892 Datasheet HTML 9Page - NEC 1892 Datasheet HTML 10Page - NEC 1892 Datasheet HTML 11Page - NEC 1892 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
µPC1892
8
Pin number/name
Equivalent circuit
Description
16 Treble control
(Pins 17, 18, 19 and 20 are same as pin 16.)
Sound control pin.
17 Bass control
18 L+R-ch volume control
19 Volume control
20 Balance control
23 Effect control
Surround effect control pin.
Input impedance: approx. 100 k
Ω.
24 Reference voltage
25 L-ch signal input
(Pin 26 is same as pin 25.)
Input impedance: approx. 40 k
Ω.
26 R-ch signal input
75 k
Ω
75 k
Ω
16
VCC
40 A
µ
50 k
Ω
50 k
Ω
23
VCC
40 A
µ
20 k
Ω
20 k
Ω
10 k
Ω
3 k
Ω
+
–
22 F
VCC
VCC
µ
24
+
–
22 F
VCC
VCC
VCC
µ
5 A
18.3 k
Ω
18.3 k
Ω
µ
25
1
2
Explanation of Pins (3/4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com