Electronic Components Datasheet Search
  English  ▼

X  

1892 Datasheet(PDF) 16 Page - NEC

Part # 1892
Description  MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

1892 Datasheet(HTML) 16 Page - NEC

Back Button 1892 Datasheet HTML 12Page - NEC 1892 Datasheet HTML 13Page - NEC 1892 Datasheet HTML 14Page - NEC 1892 Datasheet HTML 15Page - NEC 1892 Datasheet HTML 16Page - NEC 1892 Datasheet HTML 17Page - NEC 1892 Datasheet HTML 18Page - NEC 1892 Datasheet HTML 19Page - NEC 1892 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
µPC1892
16
Matrix surround block (3/3)
Parameter
Symbol
Test conditions Note 1
MIN. TYP. MAX. Unit
DC offset 1
VDCOS1
No signal
H
M
M
M
OFF
–100
0.0
+100
mV
↓
L
DC offset 2
VDCOS2
No signal
–
–
–
–
–
–100
0.0
+100
mV
L+R volume control voltage
= H
→ L
DC offset 3
VDCOS3
No signal
H
M
M
M
OFF
–100
0.0
+100
mV
↓
L
or
H
DC offset 4
VDCOS4
No signal
H
M
M
M
OFF
–100
0.0
+100
mV
↓
L
or
H
DC offset 5
VDCOS5
No signal
H
M
M
M
OFF
–100
0.0
+100
mV
↓
L
or
H
Note 1. H: 5 V, M: 2.5 V, L: 0 V.
2. OFF: OFF mode, MOV: Movie mode, MUS: Music mode, SIM: Simulated mode.
Note 2
Note 1
Control pin voltage
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com