Electronic Components Datasheet Search
  English  ▼

X  

1892 Datasheet(PDF) 7 Page - NEC

Part # 1892
Description  MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

1892 Datasheet(HTML) 7 Page - NEC

Back Button 1892 Datasheet HTML 3Page - NEC 1892 Datasheet HTML 4Page - NEC 1892 Datasheet HTML 5Page - NEC 1892 Datasheet HTML 6Page - NEC 1892 Datasheet HTML 7Page - NEC 1892 Datasheet HTML 8Page - NEC 1892 Datasheet HTML 9Page - NEC 1892 Datasheet HTML 10Page - NEC 1892 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
µPC1892
7
Pin number/name
Equivalent circuit
Description
9 Rear output
(Pins 12, 13 and 14 are same as pin 9.)
12 R-ch signal output
13 L+R-ch signal output
14 L-ch signal output
10 R-ch treble capacitor
(Pin 22 is same as pin 10.)
22 L-ch treble capacitor
11 R-ch bass capacitor
(Pin 21 is same as pin 1.)
21 L-ch bass capacitor
15 GND
GND
GND pin.
9
+
4.7 F
µ
VCC
VCC
5 k
Ω
1 k
Ω
5 k
Ω
10 k
Ω
5 k
Ω
11
25 A
µ
µ
VCC
VCC
VCC
10 k
Ω
5.3 k
Ω
3 k
Ω
3 k
Ω
0.15 F
(
±1 %)
3 k
Ω
7.5 k
Ω
1
2
Explanation of Pins (2/4)
10
25 A
µ
VCC
VCC
10 k
Ω
5.8 k
Ω
3 k
Ω
3 k
Ω
6800 pF
(
±1 %)
3 k
Ω
7.5 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com