Electronic Components Datasheet Search
  English  ▼

X  

AD9991 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9991
Description  10-Bit CCD Signal Processor with Precision Timing Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9991 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9991 Datasheet HTML 34Page - Analog Devices AD9991 Datasheet HTML 35Page - Analog Devices AD9991 Datasheet HTML 36Page - Analog Devices AD9991 Datasheet HTML 37Page - Analog Devices AD9991 Datasheet HTML 38Page - Analog Devices AD9991 Datasheet HTML 39Page - Analog Devices AD9991 Datasheet HTML 40Page - Analog Devices AD9991 Datasheet HTML 41Page - Analog Devices AD9991 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
AD9991
–38–
Register Address Banks 1 and 2
The AD9991 address space is divided into two different regis-
ter banks, referred to as Register Bank 1 and Register Bank 2.
Figure 41 illustrates how the two banks are divided. Register
Bank 1 contains the registers for the AFE, miscellaneous func-
tions, VD/HD parameters, timing core, CLPOB masking, VSG
patterns, and shutter functions. Register Bank 2 contains all
of the information for the V-pattern groups, V-sequences, and
field information.
AFE REGISTERS
SWITCH TO REGISTER BANK 2
REGISTER BANK 1
ADDR 0x00
ADDR 0x7F
MISCELLANEOUS REGISTERS
VD/HD REGISTERS
TIMING CORE REGISTERS
CLPOB MASK REGISTERS
VSG PATTERN REGISTERS
SHUTTER REGISTERS
ADDR 0x10
ADDR 0x20
ADDR 0x30
ADDR 0x40
ADDR 0x50
ADDR 0x60
VPAT0–VPAT9 REGISTERS
SWITCH TO REGISTER BANK 1
REGISTER BANK 2
ADDR 0x00
VSEQ0–VSEQ9 REGISTERS
FIELD 0–FIELD 5 REGISTERS
ADDR 0x7F
ADDR 0x80
ADDR 0xD0
ADDR 0xFF
ADDR 0x7E
ADDR 0xCF
WRITE TO ADDRESS 0x7F TO SWITCH REGISTER BANKS
ADDR 0xFF
ADDR 0x8F
INVALID—DO NOT ACCESS
Figure 41. Layout of Internal Register Banks 1 and 2
When writing to the AD9991, address 0x7F is used to specify
which address bank is being written to. To write to Bank 1, the
LSB of address 0x7F should be set to 0; to write to Bank 2, the
LSB of address 0x7F should be set to 1.
Note that Register Bank 1 contains many unused addresses. Any
undefined addresses between address 0x00 and 0x7F are consid-
ered don’t cares, and it is acceptable if these addresses are filled
in with all 0s during a continuous register write operation. How-
ever, the undefined addresses above 0x7F must not be written to,
or the AD9991 may not operate properly.
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com