Electronic Components Datasheet Search
  English  ▼

X  

AD9991 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9991
Description  10-Bit CCD Signal Processor with Precision Timing Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9991 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9991 Datasheet HTML 2Page - Analog Devices AD9991 Datasheet HTML 3Page - Analog Devices AD9991 Datasheet HTML 4Page - Analog Devices AD9991 Datasheet HTML 5Page - Analog Devices AD9991 Datasheet HTML 6Page - Analog Devices AD9991 Datasheet HTML 7Page - Analog Devices AD9991 Datasheet HTML 8Page - Analog Devices AD9991 Datasheet HTML 9Page - Analog Devices AD9991 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
AD9991
–6–
PIN CONFIGURATION
TOP VIEW
AD9991
PIN 1
IDENTIFIER
42
SDI
41
SL
40
REFB
39
REFT
38
AVSS
37
CCDIN
36
AVDD
35
CLI
34
CLO
33
TCVDD
D3
1
D4
2
D5
3
D6
4
D7
5
D8
6
D9
7
DRVDD
8
DRVSS
9
VSUB 10
SUBCK 11
V1 12
V2 13
V3 14
32
TCVSS
31
RGVDD
30
RG
29
RGVSS
Pin
Mnemonic
Type2
Description
1
D3
DO
Data Output
2
D4
DO
Data Output
3
D5
DO
Data Output
4
D6
DO
Data Output
5
D7
DO
Data Output
6
D8
DO
Data Output
7
D9
DO
Data Output (MSB)
8
DRVDD
P
Data Output Driver Supply
9
DRVSS
P
Data Output Driver Ground
10
VSUB
DO
CCD Substrate Bias
11
SUBCK
DO
CCD Substrate Clock (E-Shutter)
12
V1
DO
CCD Vertical Transfer Clock 1
13
V2
DO
CCD Vertical Transfer Clock 2
14
V3
DO
CCD Vertical Transfer Clock 3
15
V4
DO
CCD Vertical Transfer Clock 4
16
V5
DO
CCD Vertical Transfer Clock 5
17
V6
DO
CCD Vertical Transfer Clock 6
18
VSG1
DO
CCD Sensor Gate Pulse 1
19
VSG2
DO
CCD Sensor Gate Pulse 2
20
VSG3
DO
CCD Sensor Gate Pulse 3
21
VSG4
DO
CCD Sensor Gate Pulse 4
22
VSG5
DO
CCD Sensor Gate Pulse 5
23
H1
DO
CCD Horizontal Clock 1
24
H2
DO
CCD Horizontal Clock 2
25
HVSS
P
H1–H4 Driver Ground
26
HVDD
P
H1–H4 Driver Supply
27
H3
DO
CCD Horizontal Clock 3
28
H4
DO
CCD Horizontal Clock 4
29
RGVSS
P
RG Driver Ground
30
RG
DO
CCD Reset Gate Clock
31
RGVDD
P
RG Driver Supply
32
TCVSS
P
Analog Ground for Timing Core
33
TCVDD
P
Analog Supply for Timing Core
34
CLO
DO
Clock Output for Crystal
35
CLI
DI
Reference Clock Input
Pin
Mnemonic
Type2
Description
36
AVDD
P
Analog Supply for AFE
37
CCDIN
AI
CCD Signal Input
38
AVSS
P
Analog Ground for AFE
39
REFT
AO
Voltage Reference Top Bypass
40
REFB
AO
Voltage Reference Bottom Bypass
41
SL
DI
3-Wire Serial Load Pulse
42
SDI
DI
3-Wire Serial Data Input
43
SCK
DI
3-Wire Serial Clock
44
MSHUT
DO
Mechanical Shutter Pulse
45
STROBE
DO
Strobe Pulse
46
SYNC
DI
External System Sync Input
47
VD
DIO
Vertical Sync Pulse
(Input for Slave Mode,
Output for Master Mode)
48
DVSS
P
Digital Ground
49
DVDD
P
Power Supply for VSG, V1–V6,
HD/VD, MSHUT, STROBE,
SYNC, and Serial Interface
50
HD
DIO
Horizontal Sync Pulse
(Input for Slave Mode, Output for
Master Mode)
51
DCLK
DO
Data Clock Output
52
NC
Not Internally Connected
53
NC
Not Internally Connected
54
D0
DO
Data Output (LSB)
55
D1
DO
Data Output
56
D2
DO
Data Output
NOTES
1See Figure 38 for circuit configuration.
2AI = Analog Input, AO = Analog Output, DI = Digital Input,
DO = Digital Output, DIO = Digital Input/Output, P = Power.
PIN FUNCTION DESCRIPTIONS
1
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com