Electronic Components Datasheet Search
  English  ▼

X  

AD9991 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9991
Description  10-Bit CCD Signal Processor with Precision Timing Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9991 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9991 Datasheet HTML 37Page - Analog Devices AD9991 Datasheet HTML 38Page - Analog Devices AD9991 Datasheet HTML 39Page - Analog Devices AD9991 Datasheet HTML 40Page - Analog Devices AD9991 Datasheet HTML 41Page - Analog Devices AD9991 Datasheet HTML 42Page - Analog Devices AD9991 Datasheet HTML 43Page - Analog Devices AD9991 Datasheet HTML 44Page - Analog Devices AD9991 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
AD9991
–41–
Table XIX. Timing Core Register Map
Data Bit Default
Address Content
Value
Register Name
Register Description
30
[0]
0
CLIDIVIDE
Divide CLI Input Clock by 2. 1 = Divide by 2.
31
[12:0]
01001
H1CONTROL
H1 Signal Control: Polarity [0](0 = Inversion, 1 = No Inversion).
H1 Positive Edge Location [6:1]. H1 Negative Edge Location [12:7].
32
[12:0]
01001
H3CONTROL
H3 Signal Control: Polarity [0](0 = Inversion, 1 = No Inversion).
H3 Positive Edge Location [6:1]. H3 Negative Edge Location [12:7].
33
[12:0]
00801
RGCONTROL
RG Signal Control: Polarity [0](0 = Inversion, 1 = No Inversion).
RG Positive Edge Location [6:1]. RG Negative Edge Location [12:7].
34
[1:0]
0
HBLKRETIME
Retime HBLK to Internal H1/H3 Clocks. H1 Retime [0]. H3 Retime [1].
Preferred setting is 1 for each bit. Setting each bit to 1 will add one cycle delay
to HBLK toggle positions.
35
[14:0]
1249
DRVCONTROL
Drive Strength Control for H1 [2:0], H2 [5:3], H3 [8:6], H4 [11:9], and
RG [14:12]. Drive Current Values: 0 = Off, 1 = 4.3 mA, 2 = 8.6 mA,
3 = 12.9 mA, 4 = 17.2 mA, 5 = 21.5 mA, 6 = 25.8 mA, 7 = 30.1 mA.
36
[11:0]
00024
SAMPCONTROL
SHP/SHD Sample Control: SHP Sampling Location [5:0].
SHD Sampling Location [11:6].
37
[8:0]
100
DOUTCONTROL
DOUT Phase Control [5:0]. DCLK Mode [6]. DOUTDELAY [8:7].
Table XX. CLPOB Masking Register Map
Data Bit Default
Address Content
Value
Register Name
Register Description
40
[23:0]
FFFFFF CLPMASK01
CLPOB Line Masking. Line #0 [11:0]. Line #1 [23:0].
41
[23:0]
FFFFFF CLPMASK23
CLPOB Line Masking. Line #2 [11:0]. Line #3 [23:0].
42
[11:0]
FFFFFF CLPMASK4
CLPOB Line Masking. Line #4 [11:0].
Table XXI. SG Pattern Register Map
Data Bit Default
Address Content
Value
Register Name
Register Description
50
[3:0]
F
SGPOL
Start Polarity for SG Patterns. Pattern #0 [0]. Pattern #1 [1].
Pattern #2 [2]. Pattern #3 [3].
51
[23:0]
FFFFFF SGTOG12_0
Pattern #0. Toggle Position 1 [11:0]. Toggle Position 2 [23:12].
52
[23:0]
FFFFFF SGTOG12_1
Pattern #1. Toggle Position 1 [11:0]. Toggle Position 2 [23:12].
53
[23:0]
FFFFFF SGTOG12_2
Pattern #2. Toggle Position 1 [11:0]. Toggle Position 2 [23:12].
54
[23:0]
FFFFFF SGTOG12_3
Pattern #3. Toggle Position 1 [11:0]. Toggle Position 2 [23:12].
Table XXII. Shutter Control Register Map
Data Bit Default
Address Content
Value
Register Name
Register Description
60
[4:0]
0
TRIGGER
Trigger for VSUB [0], MSHUT [1], STROBE [2], Exposure [3], and
Readout [4]. Note that to trigger the Readout to automatically occur after the
Exposure period, both Exposure and Readout should be triggered together.
61
[2:0]
2
READOUT
Number of Fields to Suppress the SUBCK Pulses after the VSG Line.
62
[11:0]
0
EXPOSURE
Number of Fields to Suppress the SUBCK and VSG Pulses.
[12]
0
VDHDOFF
Set = 1 to Disable the VD/HD Outputs during exposure (when >1 field).
63
[11:0]
0
SUBCKSUPPRESS
Number of SUBCK Pulses to Suppress after VSG Line.
[23:12]
0
SUBCKNUM
Number of SUBCK Pulses per Field.
64
[0]
1
SUBCKPOL
SUBCK Pulse Start Polarity.
65
[23:0]
FFFFFF SUBCK1TOG
First SUBCK Pulse. Toggle Position 1 [11:0]. Toggle Position 2 [23:0].
66
[23:0]
FFFFFF SUBCK2TOG
Second SUBCK Pulse. Toggle Position 1 [11:0]. Toggle Position 2 [23:0].
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com