| Electronic Components Datasheet Search |
|
AD9991 Datasheet(PDF) 52 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9991 Datasheet(HTML) 52 Page - Analog Devices |
|
52 / 60 page ![]() AD9991 –52– Table XLII. V-Sequence 5 (VSEQ5)Register Map Data Bit Default Address Content Value Register Name Description A8 [1:0] 0 HBLKMASK_5 Masking Polarity during HBLK. H1 [0]. H3 [1]. [2] 0 CLPOBPOL_5 CLPOB Start Polarity [3] 0 PBLKPOL_5 PBLK Start Polarity [7:4] 0 VPATSEL_5 Selected V-Pattern Group for V-Sequence 5 [9:8] 0 VMASK_5 Enable Masking of V-Outputs (Specified by Freeze/Resume Registers) [11:10] 0 HBLKALT_5 Enable HBLK Alternation [23:12] 0 UNUSED Unused A9 [11:0] 0 VPATREPO_5 Number of Selected V-Pattern Group Repetitions for Odd Lines [23:12] 0 VPATREPE_5 Number of Selected V-Pattern Group Repetitions for Even Lines AA [11:0] 0 VPATSTART_5 Start Position in the Line for the Selected V-Pattern Group [23:12] 0 HDLEN_5 HD Line Length (Number of Pixels) for V-Sequence 5 AB [11:0] 0 PBLKTOG1_5 PBLK Toggle Position 1 for V-Sequence 5 [23:12] 0 PBLKTOG2_5 PBLK Toggle Position 2 for V-Sequence 5 AC [11:0] 0 HBLKTOG1_5 HBLK Toggle Position 1 for V-Sequence 5 [23:12] 0 HBLKTOG2_5 HBLK Toggle Position 2 for V-Sequence 5 AD [11:0] 0 HBLKTOG3_5 HBLK Toggle Position 3 for V-Sequence 5 [23:12] 0 HBLKTOG4_5 HBLK Toggle Position 4 for V-Sequence 5 AE [11:0] 0 HBLKTOG5_5 HBLK Toggle Position 5 for V-Sequence 5 [23:12] 0 HBLKTOG6_5 HBLK Toggle Position 6 for V-Sequence 5 AF [11:0] 0 CLPOBTOG1_5 CLPOB Toggle Position 1 for V-Sequence 5 [23:12] 0 CLPOBTOG2_5 CLPOB Toggle Position 2 for V-Sequence 5 Table XLIII. V-Sequence 6 (VSEQ6) Register Map Data Bit Default Address Content Value Register Name Description B0 [1:0] 0 HBLKMASK_6 Masking Polarity during HBLK. H1 [0]. H3 [1]. [2] 0 CLPOBPOL_6 CLPOB StartPolarity [3] 0 PBLKPOL_6 PBLK Start Polarity [7:4] 0 VPATSEL_6 Selected V-Pattern Group for V-Sequence 6 [9:8] 0 VMASK_6 Enable Masking of V-Outputs (Specified by Freeze/Resume Registers) [11:10] 0 HBLKALT_6 Enable HBLK Alternation [23:12] 0 UNUSED Unused B1 [11:0] 0 VPATREPO_6 Number of Selected V-Pattern Group Repetitions for Odd Lines [23:12] 0 VPATREPE_6 Number of Selected V-Pattern Group Repetitions for Even Lines B2 [11:0] 0 VPATSTART_6 Start Position in the Line for the Selected V-Pattern Group [23:12] 0 HDLEN_6 HD Line Length (Number of Pixels) for V-Sequence 6 B3 [11:0] 0 PBLKTOG1_6 PBLK Toggle Position 1 for V-Sequence 6 [23:12] 0 PBLKTOG2_6 PBLK Toggle Position 2 for V-Sequence 6 B4 [11:0] 0 HBLKTOG1_6 HBLK Toggle Position 1 for V-Sequence 6 [23:12] 0 HBLKTOG2_6 HBLK Toggle Position 2 for V-Sequence 6 B5 [11:0] 0 HBLKTOG3_6 HBLK Toggle Position 3 for V-Sequence 6 [23:12] 0 HBLKTOG4_6 HBLK Toggle Position 4 for V-Sequence 6 B6 [11:0] 0 HBLKTOG5_6 HBLK Toggle Position 5 for V-Sequence 6 [23:12] 0 HBLKTOG6_6 HBLK Toggle Position 6 for V-Sequence 6 B7 [11:0] 0 CLPOBTOG1_6 CLPOB Toggle Position 1 for V-Sequence 6 [23:12] 0 CLPOBTOG2_6 CLPOB Toggle Position 2 for V-Sequence 6 REV. 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |