Electronic Components Datasheet Search
  English  ▼

X  

AD9991 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9991
Description  10-Bit CCD Signal Processor with Precision Timing Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9991 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9991 Datasheet HTML 14Page - Analog Devices AD9991 Datasheet HTML 15Page - Analog Devices AD9991 Datasheet HTML 16Page - Analog Devices AD9991 Datasheet HTML 17Page - Analog Devices AD9991 Datasheet HTML 18Page - Analog Devices AD9991 Datasheet HTML 19Page - Analog Devices AD9991 Datasheet HTML 20Page - Analog Devices AD9991 Datasheet HTML 21Page - Analog Devices AD9991 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
AD9991
–18–
Vertical Sequences (VSEQ)
The vertical sequences are created by selecting one of the 10
V-pattern groups and adding repeats, start position, and horizon-
tal clamping, and blanking information. Up to 10 V-sequences
can be programmed, each using the registers shown in Table VI.
Figure 17 shows how the different registers are used to generate
each V-sequence.
The VPATSEL register selects which V-pattern group will be
used in a given V-sequence. The basic V-pattern group can have
repetitions added, for high speed line shifts or line binning, by
using the VPATREPO and VPATREPE registers. Generally, the
same number of repetitions are programmed into both registers,
but if a different number of repetitions is required on odd and
even lines, separate values may be used for each register (see
the V-Sequence Line Alternation section). The VPATSTART
register specifies where in the line the V-pattern group will start.
The VMASK register is used in conjunction with the FREEZE/
RESUME registers to enable optional masking of the V-outputs.
Either or both of the FREEZE1/RESUME1 and FREEZE2/
RESUME2 registers can be enabled.
The line length (in pixels) is programmable using the HDLEN
registers. Each V-sequence can have a different line length to
accommodate various image readout techniques. The maximum
number of pixels per line is 4096. Note that the last line of the
field is separately programmable using the HDLAST register
located in the Field register section.
Table VI. V-Sequence Registers (see Tables III and IV for HBLK, CLPOB, PBLK Registers)
Register
Length
Range
Description
VPATSEL
4b
0–9 V-Pattern Group #
Selected V-Pattern Group for Each V-Sequence.
VMASK
2b
0–3 Mask Mode
Enables the Masking of V1–V6 Outputs at the Locations Specified by
the FREEZE/RESUME Registers. 0 = No Mask, 1 = Enable
FREEZE1/RESUME1, 2 = Enable FREEZE2/RESUME2, 3 = Enable
both 1 and 2.
VPATREPO
12b
0–4095 # of Repeats
Number of Repetitions for the V-Pattern Group for Odd Lines.
If no odd/even alternation is required, set equal to VPATREPE.
VPATREPE
12b
0–4095 # of Repeats
Number of Repetitions for the V-Pattern Group for Even Lines.
If no odd/even alternation is required, set equal to VPATREPO.
VPATSTART
12b
0–4095 Pixel Location
Start Position for the Selected V-Pattern Group.
HDLEN
12b
0–4095 # of Pixels
HD Line Length for Lines in Each V-Sequence.
VPAT REP 3
HD
V1–V6
PROGRAMMABLE SETTINGS FOR EACH V-SEQUENCE:
1. START POSITION IN THE LINE OF SELECTED V-PATTERN GROUP
2. HD LINE LENGTH
3. V-PATTERN SELECT (VPATSEL) TO SELECT ANY V-PATTERN GROUP
4. NUMBER OF REPETITIONS OF THE V-PATTERN GROUP (IF NEEDED)
5. START POLARITY AND TOGGLE POSITIONS FOR CLPOB AND PBLK SIGNALS
6. MASKING POLARITY AND TOGGLE POSITIONS FOR HBLK SIGNAL
V-PATTERN GROUP
1
3
CLPOB
PBLK
HBLK
2
44
VPAT REP 2
5
6
Figure 17. V-Sequence Programmability
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com