Electronic Components Datasheet Search
  English  ▼

X  

UPC1935 Datasheet(PDF) 5 Page - NEC

Part # UPC1935
Description  DC-DC CONVERTER CONTROL IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1935 Datasheet(HTML) 5 Page - NEC

  UPC1935 Datasheet HTML 1Page - NEC UPC1935 Datasheet HTML 2Page - NEC UPC1935 Datasheet HTML 3Page - NEC UPC1935 Datasheet HTML 4Page - NEC UPC1935 Datasheet HTML 5Page - NEC UPC1935 Datasheet HTML 6Page - NEC UPC1935 Datasheet HTML 7Page - NEC UPC1935 Datasheet HTML 8Page - NEC UPC1935 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet G13418EJ3V0DS00
5
µµµµ PC1935
1.
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (unless otherwise specified, TA
==== 25 °°°°C)
Parameter
Symbol
Ratings
Unit
Supply voltage
VCC
30
V
Output voltage
VO
30
V
Output current (open drain output)
IO
21
mA
Total power dissipation
PT
400
mW
Operating ambient temperature
TA
–20 to + 85
°C
Storage temperature
Tstg
–55 to + 150
°C
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure
that the absolute maximum ratings are not exceeded.
Recommended Operating Conditions
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply voltage
VCC
2.5
20
V
Output voltage
VO
020
V
Output current
IO
20
mA
Operating temperature
TA
−20
+85
°C
Oscillation frequency
fOSC
20
800
kHz
Caution
The recommended operating range may be exceeded without causing any problems provided that the
absolute maximum ratings are not exceeded. However, if the device is operated in a way that exceeds
the recommended operating conditions, the margin between the actual conditions of use and the
absolute maximum ratings is small, and therefore thorough evaluation is necessary. The recommended
operating conditions do not imply that the device can be used with all values at their maximum values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com