Electronic Components Datasheet Search
  English  ▼

X  

UPC1935 Datasheet(PDF) 23 Page - NEC

Part # UPC1935
Description  DC-DC CONVERTER CONTROL IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1935 Datasheet(HTML) 23 Page - NEC

Back Button UPC1935 Datasheet HTML 19Page - NEC UPC1935 Datasheet HTML 20Page - NEC UPC1935 Datasheet HTML 21Page - NEC UPC1935 Datasheet HTML 22Page - NEC UPC1935 Datasheet HTML 23Page - NEC UPC1935 Datasheet HTML 24Page - NEC UPC1935 Datasheet HTML 25Page - NEC UPC1935 Datasheet HTML 26Page - NEC UPC1935 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet G13418EJ3V0DS00
23
µµµµ PC1935
5.
PACKAGE DRAWING
B
detail of lead end
K
D
J
M
M
C
16
9
1
8
S
S
A
A'
N
R
F
G
E
P
L
S
H
I
ITEM
B
C
J
16-PIN PLASTIC TSSOP (5.72 mm (225))
D
G
H
I
P
MILLIMETERS
0.65 (T.P.)
0.375 MAX.
1.0
±0.2
0.24
0.92
4.4
±0.1
6.4
±0.2
+0.06
−0.04
3
°+5°
−3°
NOTE
Each lead centerline is located within 0.10 mm of
its true position (T.P.) at maximum material condition.
E
0.09+
0.06
−0.04
F
1.01+
0.09
−0.06
A
A'
5.0
±0.1
5.15
±0.15
K
L
M
N
0.5
0.145
0.10
0.10
+0.055
−0.045
R
S
0.25
0.6
±0.15
S16GR-65-PJG-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com