Electronic Components Datasheet Search
  English  ▼

X  

UPC1935 Datasheet(PDF) 17 Page - NEC

Part # UPC1935
Description  DC-DC CONVERTER CONTROL IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1935 Datasheet(HTML) 17 Page - NEC

Back Button UPC1935 Datasheet HTML 13Page - NEC UPC1935 Datasheet HTML 14Page - NEC UPC1935 Datasheet HTML 15Page - NEC UPC1935 Datasheet HTML 16Page - NEC UPC1935 Datasheet HTML 17Page - NEC UPC1935 Datasheet HTML 18Page - NEC UPC1935 Datasheet HTML 19Page - NEC UPC1935 Datasheet HTML 20Page - NEC UPC1935 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet G13418EJ3V0DS00
17
µµµµ PC1935
3.5
ON/OFF Control
3.5.1
Channel 1 (for step-up)
The ON/OFF signal control method of the output oscillation of channel 1 is to input the ON/OFF signal from ON1 as
shown in Figure 3-3. For channel 1, soft start or timer latch (SCP) is internally selected. Soft start is executed when the
first start signal is input. When the end of soft start is detected, the soft start select switch is turned OFF and the timer
latch circuit operates.
Figure 3-3 ON/OFF Control (channel 1 for step-up)
(1) When ON1 is high: OFF status
Q11: ON
→ DLY pin: Low level → Output duty of PWM comparator: 0 %
D11: ON
→ II1 pin: High level → FB1 output: Low level
(2) When ON1 is low: ON status (start up)
Q11: OFF
→ CDLY is charged in the sequence of [VREF → R1 → SW → DLY pin → CDLY] → Soft start
D11: OFF
→ II1 pin: Low level → FB1 output: High level
(3) When ON1 goes high again after start up (SW: OFF): OFF status
Q11: ON
→ DLY pin: Low level (Nothing happens because SW is OFF.)
D11: ON
→ II1 pin: High level → FB1 output: Low level → PWM comparator output duty: 0 %
→ Converter output voltage (VO1) drops.
Caution Even if start up is executed by making ON1 low again after (3), soft start is not executed because the
soft start select switch (SW) remains OFF. To execute soft start of channel 1 again, drop VCC to 0 V
once.
+
+
–
+
–
–
+
VO1
D11
ON1
Q11
Q1
PWM comparator
SCP comparator
(common to each channel)
CDLY
DLY
R12
R1
FB1
SW
VREF
R11
II1
0.3 V
0.63 V
Error amplifier
To output stage
Oscillation section
(common to each channel)
Dead time
setting: 85 %
(internally fixed)
(Converter
output
voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com