Electronic Components Datasheet Search
  English  ▼

X  

UPC1935 Datasheet(PDF) 1 Page - NEC

Part # UPC1935
Description  DC-DC CONVERTER CONTROL IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1935 Datasheet(HTML) 1 Page - NEC

  UPC1935 Datasheet HTML 1Page - NEC UPC1935 Datasheet HTML 2Page - NEC UPC1935 Datasheet HTML 3Page - NEC UPC1935 Datasheet HTML 4Page - NEC UPC1935 Datasheet HTML 5Page - NEC UPC1935 Datasheet HTML 6Page - NEC UPC1935 Datasheet HTML 7Page - NEC UPC1935 Datasheet HTML 8Page - NEC UPC1935 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
1998
BiCMOS INTEGRATED CIRCUIT
µµµµ PC1935
DC-DC CONVERTER CONTROL IC
DATA SHEET
Document No. G13418EJ3V0DS00 (3rd edition)
Date Published March 2000 NS CP (K)
Printed in Japan
The mark 5 shows major revised points.
DESCRIPTION
The
µ PC1935 is a low-voltage input DC-DC converter control IC that can configure a three-output (step-up × 2, inverted
output
× 1) DC-DC converter at an input voltage of 3, 3.3, or 5 V.
Because of its wide operating voltage range, this IC can also be used to control DC-DC converters using an AC adapter
for input.
FEATURES
• Low supply voltage: 2.5 V (MIN.)
• Operating voltage range: 2.5 to 20 V (breakdown voltage: 30 V)
• Can control three output channels.
• Timer latch circuit for short-circuit protection.
• Ceramic capacitor with low capacitance (0.1
µ F) can be used for short-circuit protection.
• Dead times of channels 2 (step-up) and 3 (inverted output) can be set from external resistors. Dead time of channel 1
(step-up) is internally fixed to 85 %.
• Soft start of each channel can be set independently.
• Each channel can be turned ON/OFF independently.
ORDERING INFORMATION
Part Number
Package
µ PC1935GR
16-pin plastic TSSOP (5.72 mm (225))


Similar Part No. - UPC1935

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1935 RENESAS-UPC1935 Datasheet
352Kb / 30P
BiCMOS INTEGRATED CIRCUIT
1998
UPC1935GR RENESAS-UPC1935GR Datasheet
352Kb / 30P
BiCMOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPC1935

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1933 NEC-UPC1933 Datasheet
119Kb / 5P
DC-DC CONVERTER CONTROL IC
UPC1934 NEC-UPC1934 Datasheet
140Kb / 20P
DC-DC CONVERTER CONTROL IC
logo
New Japan Radio
NJM2360 NJRC-NJM2360 Datasheet
272Kb / 9P
DC/DC CONVERTER CONTROL IC
NJM2340 NJRC-NJM2340 Datasheet
125Kb / 6P
HIGH PRECISION DC/DC CONVERTER CONTROL IC
logo
Rohm
BM1P061FJ-E ROHM-BM1P061FJ-E Datasheet
1Mb / 21P
PWM Control type DC/DC converter IC
logo
Anpec Electronics Corop...
APW7095 ANPEC-APW7095_08 Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
logo
SHENZHEN FUMAN ELECTRON...
SC34073 FUMAN-SC34073 Datasheet
137Kb / 2P
Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
Step-down DC-DC converter control IC
TC34083 FUMAN-TC34083 Datasheet
153Kb / 3P
Step-down DC-DC converter control IC
TC34093 FUMAN-TC34093 Datasheet
155Kb / 3P
Step-down DC-DC converter control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com