Electronic Components Datasheet Search
  English  ▼

X  

UPC1935 Datasheet(PDF) 8 Page - NEC

Part # UPC1935
Description  DC-DC CONVERTER CONTROL IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1935 Datasheet(HTML) 8 Page - NEC

Back Button UPC1935 Datasheet HTML 4Page - NEC UPC1935 Datasheet HTML 5Page - NEC UPC1935 Datasheet HTML 6Page - NEC UPC1935 Datasheet HTML 7Page - NEC UPC1935 Datasheet HTML 8Page - NEC UPC1935 Datasheet HTML 9Page - NEC UPC1935 Datasheet HTML 10Page - NEC UPC1935 Datasheet HTML 11Page - NEC UPC1935 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Data Sheet G13418EJ3V0DS00
8
µµµµ PC1935
Typical Characteristic Curves (unless otherwise specified, VCC = 3 V, fOSC = 100 kHz, TA = 25
°°°°C) (Nominal)
PT vs TA
VREF vs VCC
0.5
0.4
0.3
0.2
0.1
0
2.5
2.0
1.5
1.0
0.5
0
0
0
12345
25
50
75
Operating ambient temperature TA (
°C)
VREF vs TA
2.13
2.12
2.11
2.10
2.09
2.08
2.07
–25
0
25
50
75
100
Operating ambient temperature TA (
°C)
Supply voltage VCC (V)
100
125
150
312.5
°C/W
IREF = 0 A
∆fOSC vs TA
8
4
0
–4
–8
–25
0
25
50
75
100
Operational ambient temperature TA (
°C)
fOSC vs RT
1000
100
10
1
1
10
100
Timing resistance RT (k
Ω)
VOL vs IO
0.5
0.4
0.3
0.2
0.1
0
0
4
8
12
16
20
2
6
10
14
18
Output current IO (mA)
IREF = 0 A
RT = 18 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com