Electronic Components Datasheet Search
  English  ▼

X  

UPC1935 Datasheet(PDF) 9 Page - NEC

Part # UPC1935
Description  DC-DC CONVERTER CONTROL IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1935 Datasheet(HTML) 9 Page - NEC

Back Button UPC1935 Datasheet HTML 5Page - NEC UPC1935 Datasheet HTML 6Page - NEC UPC1935 Datasheet HTML 7Page - NEC UPC1935 Datasheet HTML 8Page - NEC UPC1935 Datasheet HTML 9Page - NEC UPC1935 Datasheet HTML 10Page - NEC UPC1935 Datasheet HTML 11Page - NEC UPC1935 Datasheet HTML 12Page - NEC UPC1935 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet G13418EJ3V0DS00
9
µµµµ PC1935
VOL vs TA
DMAX. vs RT
0.4
0.3
0.2
0.1
0
90
80
70
60
50
–25
0
25
50
75
100
1
10
100
Operating ambient temperature TA (
°C)
VTH (H) vs TA
1.64
1.62
1.60
1.58
1.56
–25
0
25
50
75
100
–25
0
25
50
75
100
Operating ambient temperature TA (
°C)
Timing resistance RT (k
Ω)
tSS vs CDLY
600
500
400
300
200
100
0
0.2
0.4
0.6
0.8
1
DLY pin capacitor capacitance CDLY ( F)
0
0.2
0.4
0.6
0.8
1
DLY pin capacitor capacitance CDLY ( F)
VTH (L) vs TA
1.24
1.22
1.20
1.18
1.16
Operating ambient temperature TA (
°C)
tDLY vs CDLY
600
500
400
300
200
100
RT = 18 k
Ω
IO = 20 mA
RT = 18 k
Ω
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com