Electronic Components Datasheet Search
  English  ▼

X  

UPC1935 Datasheet(PDF) 18 Page - NEC

Part # UPC1935
Description  DC-DC CONVERTER CONTROL IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1935 Datasheet(HTML) 18 Page - NEC

Back Button UPC1935 Datasheet HTML 14Page - NEC UPC1935 Datasheet HTML 15Page - NEC UPC1935 Datasheet HTML 16Page - NEC UPC1935 Datasheet HTML 17Page - NEC UPC1935 Datasheet HTML 18Page - NEC UPC1935 Datasheet HTML 19Page - NEC UPC1935 Datasheet HTML 20Page - NEC UPC1935 Datasheet HTML 21Page - NEC UPC1935 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Data Sheet G13418EJ3V0DS00
18
µµµµ PC1935
3.5.2
Channel 2 (for step-up)
The ON/OFF signal control method of the output oscillation of channel 2 is to input the ON/OFF signal from ON2 as
shown in Figure 3-4. The PWM converter can be turned ON/OFF by controlling the level of the DTC2 pin. However, it is
necessary to keep the level of the FB2 output low (the SCP comparator input high) so that the timer latch does not start
when the PWM converter is OFF. In this circuit example, the FB2 output level is controlled by controlling the level of the II2
pin.
Figure 3-4 ON/OFF Control (channel 2: step-up)
(1) When ON2 is high: OFF status
Q21: ON
→ DTC2 pin: Low level → Output duty of PWM comparator: 0 %
D21: ON
→ II2 pin: High level → FB2 output: Low level → SCP comparator output: High level → Timer latch stops.
(2) When ON2 is low: ON status
Q21: OFF
→ C21 is charged in the sequence of [VREF → R23 → C21] → DTC2 pin voltage rises → Soft start
D21: OFF
→ II2 pin: Low level → FB2 output: High level → SCP comparator output: Low level → Q1 is OFF
→ Charging CDLY starts (timer latch start).
Caution Keep the low-level voltage of the DTC2 pin within 1.2 V and the high-level voltage of the II2 pin at
0.3 V or higher. The maximum voltage that is applied to the II2 pin must be equal to or lower than
VREF.
+
+
–
+
–
–
+
VO2
D21
ON2
Q21
Q1
PWM comparator
SCP comparator
(common to each channel)
C21
DTC2
R22
VREF
CDLY
FB2
DLY
R21
R24
R23
II2
0.3 V
0.63 V
Error
amplifier
To output stage
Oscillation section
(common to each channel)
(Converter
output
voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com