Electronic Components Datasheet Search
  English  ▼

X  

ADAV400 Datasheet(PDF) 1 Page - Analog Devices

Part # ADAV400
Description  Audio Codec with Embedded SigmaDSP Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV400 Datasheet(HTML) 1 Page - Analog Devices

  ADAV400_15 Datasheet HTML 1Page - Analog Devices ADAV400_15 Datasheet HTML 2Page - Analog Devices ADAV400_15 Datasheet HTML 3Page - Analog Devices ADAV400_15 Datasheet HTML 4Page - Analog Devices ADAV400_15 Datasheet HTML 5Page - Analog Devices ADAV400_15 Datasheet HTML 6Page - Analog Devices ADAV400_15 Datasheet HTML 7Page - Analog Devices ADAV400_15 Datasheet HTML 8Page - Analog Devices ADAV400_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Audio Codec with
Embedded SigmaDSP Processor
ADAV400
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Features SigmaStudio™, a proprietary graphical
programming tool for fast development of custom
signal flows
Fully programmable audio digital signal processing (DSP) for
enhanced sound processing
Includes various third-party audio algorithms
Scalable digital audio delay line
I2C control interface
Pool of 400 ms @ 48 kHz (200 ms for stereo channel)
Operates from 3.3 V (analog), 1.8 V (digital core),
3.3 V (digital interface)
High performance, integrated analog-to-digital converters
(ADCs) and digital-to-analog converters (DACs)
Features on-chip regulator for single 3.3 V operation
1 stereo analog input (ADC)
80-lead LQFP (14 mm × 14 mm)
4 stereo analog inputs with mux-to-stereo ADC
Temperature range: 0°C to 70°C
4 stereo (8-channel) analog outputs (DACs)
Dedicated headphone output with integrated amplifier
APPLICATIONS
Multichannel digital I/O
ATV and AV audio applications
8-channel I2S input and output modes
TV audio processing
8- and 16-channel TDM input and output modes
Set-top box (STB)
2-channel (1 stereo) asynchronous I2S input with
integrated sample rate converter (SRC), supporting
sample rates from 5 kHz to 50 kHz
HTiB
General audio enhancement
FUNCTIONAL BLOCK DIAGRAM
MULTICHANNEL
DIGITAL OUTPUTS
I2C INTERFACE
SRC
ASYNCHRONIZE
DIGITAL INPUT
SYNCHRONIZE
MULTICHANNEL
DIGITAL INPUT
PROGRAMMABLE
AUDIO
PROCESSOR
CORE
A–V
SYNC DELAY
MEMORY
PLL
VOUT1
VOUT2
AUXL2
AUXR2
ADAV400
DAC
ADC
HPOUTL
HPOUTR
DAC
AUXL1
AUXR1
LRCLK1
BCLK1
MCLKI
MCLKO
SCL
SDA
AD0
SDIN0
SDIN1
SDIN2
SDIN3
BCLK0
LRCLK0
AINL1
AINR1
AINL4
AINR4
SDO0
SYSTEM
CLOCKS
SDO1
SDO2
SDO3
DAC
VOUT3
VOUT4
DAC
Figure 1.


Similar Part No. - ADAV400_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAV400KSTZ AD-ADAV400KSTZ Datasheet
696Kb / 36P
Audio Codec with Embedded SigmaDSP Processor
1/06-Revision 0
ADAV400KSTZ-REEL AD-ADAV400KSTZ-REEL Datasheet
696Kb / 36P
Audio Codec with Embedded SigmaDSP Processor
1/06-Revision 0
More results

Similar Description - ADAV400_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAV400 AD-ADAV400 Datasheet
696Kb / 36P
Audio Codec with Embedded SigmaDSP Processor
1/06-Revision 0
ADAU1442 AD-ADAU1442 Datasheet
1,008Kb / 92P
SigmaDSP Digital Audio Processor
REV. C
ADSP-BF522C AD-ADSP-BF522C_15 Datasheet
1Mb / 36P
Blackfin Embedded Processor with Codec
REV. A
ADSP-BF523C AD-ADSP-BF523C_15 Datasheet
1Mb / 36P
Blackfin Embedded Processor with Codec
REV. A
ADSP-BF525C AD-ADSP-BF525C_15 Datasheet
1Mb / 36P
Blackfin Embedded Processor with Codec
REV. A
ADSP-BF527C AD-ADSP-BF527C_15 Datasheet
1Mb / 36P
Blackfin Embedded Processor with Codec
REV. A
ADAU1452 AD-ADAU1452 Datasheet
9Mb / 180P
SigmaDSP Digital Audio Processor
REV. C
ADAU1467 AD-ADAU1467 Datasheet
6Mb / 207P
SigmaDSP Digital Audio Processor
6/2018-Rev. 0 to Rev. A
ADAU1462 AD-ADAU1462 Datasheet
9Mb / 202P
SigmaDSP Digital Audio Processor
3/2018-Rev. B to Rev. C
ADAU1472 AD-ADAU1472 Datasheet
587Kb / 34P
SigmaDSP Digital Audio Processor
11/2020-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com