Electronic Components Datasheet Search
  English  ▼

X  

ADAV400 Datasheet(PDF) 16 Page - Analog Devices

Part # ADAV400
Description  Audio Codec with Embedded SigmaDSP Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV400 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADAV400_15 Datasheet HTML 12Page - Analog Devices ADAV400_15 Datasheet HTML 13Page - Analog Devices ADAV400_15 Datasheet HTML 14Page - Analog Devices ADAV400_15 Datasheet HTML 15Page - Analog Devices ADAV400_15 Datasheet HTML 16Page - Analog Devices ADAV400_15 Datasheet HTML 17Page - Analog Devices ADAV400_15 Datasheet HTML 18Page - Analog Devices ADAV400_15 Datasheet HTML 19Page - Analog Devices ADAV400_15 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ADAV400
Rev. A | Page 16 of 36
I2C Read and Write Operations
Table 6 shows the timing of a single word write operation. Every
ninth clock, the ADAV400 issues an acknowledge by pulling
SDA low.
Table 7 shows the timing of a burst mode write sequence. This
table shows an example where the target destination registers
are two bytes. The ADAV400 auto-increments its subaddress
register counter every two bytes until a stop condition occurs.
The timing of a single word read operation is shown in Table 8.
Note that the first R/W bit is still a 0, indicating a write operation.
This is because the subaddress must be written to set up the
internal address. After the ADAV400 acknowledges the receipt
of the subaddress, the master must issue a repeated start command
followed by the chip address byte with the R/W set to 1 (read).
The ADAV400 responds with the read result on SDA. The
master then responds every ninth clock with an acknowledge
pulse to the ADAV400.
Table 9 shows the timing of a burst mode read sequence. This
table shows an example where the target read registers are two
bytes. The ADAV400 increments its subaddress register every two
bytes because the requested subaddress corresponds to a
register or memory area with word lengths of two bytes. Other
address ranges may have a variety of word lengths ranging from
one to six bytes; the ADAV400 always decodes the subaddress
and sets the auto-increment circuit so that the address
increments after the appropriate number of bytes.
Key for Table 6 to Table 9
S = start bit
P = stop bit
AM = acknowledge by master
AS = acknowledge by slave
Table 6. Single Word I2C Write
S
Chip address,
R/W = 0
AS
Subaddress high
AS
Subaddress low
AS
Data Byte 1
AS
Data Byte 2
…
AS
Data Byte N
P
Table 7. Burst Mode I2C Write
S
Chip
address,
R/W = 0
AS
Subaddress
high
AS
Subaddress
low
AS
Data-Word 1,
Byte 1
AS
Data-Word 1,
Byte 2
AS
Data-Word 2,
Byte 1
AS
Data-Word 2,
Byte 2
AS
…
P
Table 8. Single Word I2C Read
S
Chip address,
R/W = 0
AS
Subaddress
high
AS
Subaddress
low
AS
S
Chip address,
R/W = 1
AS
Data Byte 1
AM
Data
Byte 2
…
AM
Data
Byte N
P
Table 9. Burst Mode I2C Read
S
Chip address,
R/W = 0
AS
Subaddress
high
AS
Subaddress
low
AS
S
Chip address,
R/W = 1
AS
Data-Word 1
Byte 1
AM
Data-Word 1
Byte 2
AM
…
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com