Electronic Components Datasheet Search
  English  ▼

X  

ADAV400 Datasheet(PDF) 3 Page - Analog Devices

Part # ADAV400
Description  Audio Codec with Embedded SigmaDSP Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV400 Datasheet(HTML) 3 Page - Analog Devices

  ADAV400_15 Datasheet HTML 1Page - Analog Devices ADAV400_15 Datasheet HTML 2Page - Analog Devices ADAV400_15 Datasheet HTML 3Page - Analog Devices ADAV400_15 Datasheet HTML 4Page - Analog Devices ADAV400_15 Datasheet HTML 5Page - Analog Devices ADAV400_15 Datasheet HTML 6Page - Analog Devices ADAV400_15 Datasheet HTML 7Page - Analog Devices ADAV400_15 Datasheet HTML 8Page - Analog Devices ADAV400_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ADAV400
Rev. A | Page 3 of 36
GENERAL DESCRIPTION
The ADAV400 is an enhanced audio processor. Integrating high
performance analog and digital I/Os with a powerful, audio-
specific, programmable core enables designers to differentiate
their products through audio performance.
The audio processing core is based on Analog Devices SigmaDSP®
technology featuring full 28-bit processing (56-bit in double
precision mode); a sophisticated, fully programmable dynamics
processor; and delay memory.
This technology allows the system designer to compensate for
real-world limitations of speakers, amplifiers, and listening
environments. This compensation results in a dramatic
improvement of the perceived audio quality through speaker
equalization, multiband compression and limiting, and third-
party-branded algorithms.
The analog I/O integrates Analog Devices proprietary continuous
time, multibit, sigma-delta (Σ-Δ) architecture. This integration
brings a higher level of performance to systems that are
required to meet system branding certification by third-party
algorithm providers. The analog inputs feature a 95 dB dynamic
range stereo ADC fed from a four-stereo input mux. The four
stereo analog outputs are each driven by a 95 dB dynamic range
DAC. A dedicated headphone channel is included with
integrated amplifiers.
The ADAV400 supports multichannel digital inputs and outputs.
An integrated SRC on one channel provides the capability to
support any input sample rate in the range of 5 kHz to 50 kHz,
synchronizing this input to the internal DSP engine.
The ADAV400 is supported by a powerful graphical programming
tool that includes blocks such as general filters, EQ filters, dynamics
processing, mixers, volume, and third-party algorithms for fast
development of custom signal flows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com