Electronic Components Datasheet Search
  English  ▼

X  

UPC2723 Datasheet(PDF) 3 Page - NEC

Part # UPC2723
Description  1.1 GHz AGC AMPLIFIER FOR DBS TUNER AND MOBILE TELEPHONE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2723 Datasheet(HTML) 3 Page - NEC

  UPC2723 Datasheet HTML 1Page - NEC UPC2723 Datasheet HTML 2Page - NEC UPC2723 Datasheet HTML 3Page - NEC UPC2723 Datasheet HTML 4Page - NEC UPC2723 Datasheet HTML 5Page - NEC UPC2723 Datasheet HTML 6Page - NEC UPC2723 Datasheet HTML 7Page - NEC UPC2723 Datasheet HTML 8Page - NEC UPC2723 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
µµµµµPC2723T
PIN DESCRIPTIONS
Functions and Explanation
Must be connected bypass capacitor (e.g. 1 500 pF) to minimize
ground impedance.
Must be connected to the system ground with minimum inductance.
Ground pattern on the board should be formed as wide as possible.
(Track length should be kept as short as possible)
Must be coupled with capacitor (e.g. 1 500 pF) for DC cut.
Supply voltage 5.0
± 0.5 V for operation. Must be connected bypass
capacitor (e.g. 1 500 pF) to minimize ground impedance.
Can be used for auto gain control. The control can be governed by
supply voltage to this pin. AGC performance can be adjustable by
RAGC value. (e.g. 15
Ω).
Input frequency from an external VCO output.
Must be coupled with capacitor (e.g. 1 500 pF).
Pin No.
Symbol
Assignment
1
IN
Input bypass pin
2
GND
Ground pin
3
OUT
Output pin
4VCC
Power supply pin
5VAGC
AGC control pin
6
IN
Input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com