Electronic Components Datasheet Search
  English  ▼

X  

UPC2723 Datasheet(PDF) 1 Page - NEC

Part # UPC2723
Description  1.1 GHz AGC AMPLIFIER FOR DBS TUNER AND MOBILE TELEPHONE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2723 Datasheet(HTML) 1 Page - NEC

  UPC2723 Datasheet HTML 1Page - NEC UPC2723 Datasheet HTML 2Page - NEC UPC2723 Datasheet HTML 3Page - NEC UPC2723 Datasheet HTML 4Page - NEC UPC2723 Datasheet HTML 5Page - NEC UPC2723 Datasheet HTML 6Page - NEC UPC2723 Datasheet HTML 7Page - NEC UPC2723 Datasheet HTML 8Page - NEC UPC2723 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©
1995
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµµPC2723T
1.1 GHz AGC AMPLIFIER
FOR DBS TUNER AND MOBILE TELEPHONE
FEATURES
• Wide frequency response – fu = 1.1 GHzTYP @ – 3 dB GPMAX.
• Maximum power gain – GPMAX. = 13 dBTYP
• Single supply voltage: 5 V, 15 mA TYP.
• AGC Dynamic range: GCR = 38 dB TYP. @ f = 500 MHz
• Packaged in 6 pins mini mold suitable for high-density surface mounting.
DESCRIPTION
The
µPC2723T is a silicon monolithic integrated circuit designed for miniature AGC amplifier. This amplifier realizes Auto
gain control with external control circuit. This IC operates up to 1.1 GHz and therefore is suitable for DBS tuner, mobile
telephone and other applications.
The
µPC2723T is manufactured using NEC’s 20 GHz fT NESAT™ III silicon bipolar process. This process uses silicon
nitride passivation film and gold metallization wirings. These materials can protect the chips from external pollution and
prevent corrosion/migration. Thus, this IC has excellent performance, uniformity and reliability.
ORDER INFORMATION
ORDER NUMBER
PACKAGE
SUPPLYING FORM
MARKING
µPC2723T–E3
6pin mini mold
Embossed tape 8mm wide. 3kp/reel.
C1M
Pin1, 2, 3 face to perforation side of the tape.
Caution: Electro-static sensitive device
3
2
1
4
5
6
(Top View)
3
2
1
4
5
6
(Bottom View)
1.
2.
3.
4.
5.
6.
INPUT
GND
OUTPUT
VCC
VAGC
INPUT
Document No. P10922EJ2V0DS00 (2nd edition)
(Previous No. ID-3258)
Date Published November 1995 P
Printed in Japan
Remarks To order evaluation samples, please contact your local NEC sales office. (Order number:
µPC2723T)
PIN CONNECTIONS


Similar Part No. - UPC2723

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2723T NEC-UPC2723T Datasheet
550Kb / 52P
VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
UPC2723T NEC-UPC2723T Datasheet
371Kb / 40P
-15 dBm INPUT, VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
More results

Similar Description - UPC2723

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6215S PANASONIC-AN6215S Datasheet
56Kb / 5P
AGC IC for telephone speech network
logo
fujitsu semiconductor
VC-2R2A80 FUJITSU-VC-2R2A80 Datasheet
152Kb / 13P
ASSP for Mobile Telephone
VC-2R8A26 FUJITSU-VC-2R8A26 Datasheet
100Kb / 11P
ASSP for Mobile Telephone
VC-2R8A30 FUJITSU-VC-2R8A30 Datasheet
154Kb / 15P
ASSP for Mobile Telephone
VC-3R0A23 FUJITSU-VC-3R0A23 Datasheet
105Kb / 11P
ASSP for Mobile Telephone
VC-3R0A50 FUJITSU-VC-3R0A50 Datasheet
248Kb / 20P
ASSP for Mobile Telephone
VC-30 FUJITSU-VC-30 Datasheet
154Kb / 15P
ASSP for Mobile Telephone
VC-50 FUJITSU-VC-50 Datasheet
229Kb / 20P
ASSP for Mobile Telephone
logo
NEC
UPC8119T NEC-UPC8119T_02 Datasheet
40Kb / 3P
1.9 GHz AGC AMPLIFIER
logo
Maxim Integrated Produc...
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com