Electronic Components Datasheet Search
  English  ▼

X  

UPC2723 Datasheet(PDF) 6 Page - NEC

Part # UPC2723
Description  1.1 GHz AGC AMPLIFIER FOR DBS TUNER AND MOBILE TELEPHONE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2723 Datasheet(HTML) 6 Page - NEC

Back Button UPC2723 Datasheet HTML 2Page - NEC UPC2723 Datasheet HTML 3Page - NEC UPC2723 Datasheet HTML 4Page - NEC UPC2723 Datasheet HTML 5Page - NEC UPC2723 Datasheet HTML 6Page - NEC UPC2723 Datasheet HTML 7Page - NEC UPC2723 Datasheet HTML 8Page - NEC UPC2723 Datasheet HTML 9Page - NEC UPC2723 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
µµµµµPC2723T
–60
–40
–20
0
20
–40
–40
–30
–20
–10
0
10
–30
–20
–10
0
10
VCC = 5.5 V
VCC = 5.0 V
VCC = 4.5 V
–100
–80
–60
–40
–20
0
–40
–30
–20
–10
0
RLin
–10
0.01
–5
0
5
0.1
1.0
3.0
–100
–50
–80
–60
–40
–20
0
+20
–40
–30
–20
–10
0
IM3
Pout
0.01
0.1
1.0
3.0
0.01
0.1
1.0
3.0
f = 500 MHz
VCC = 5.0 V
f = 500 MHz
VAGC = 1.0 V
at GPMAX.
VCC = 5.0 V
VCC = 5.0 V
ISL – f
RL in, RLout – f
PO – Pin AGC Operation
PO – Pin Manual Gain Control
PO(sat) – f
f – Frequency – GHz
f – Frequency – GHz
f – Frequency – GHz
Pin – Input Power – dBm
P in – Input Power – dBm
–50
–40
–30
–20
0
–10
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
PO, IM3 – Pin
RLout
Pin – Input Power – dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com