Electronic Components Datasheet Search
  English  ▼

X  

UPC2723 Datasheet(PDF) 4 Page - NEC

Part # UPC2723
Description  1.1 GHz AGC AMPLIFIER FOR DBS TUNER AND MOBILE TELEPHONE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2723 Datasheet(HTML) 4 Page - NEC

  UPC2723 Datasheet HTML 1Page - NEC UPC2723 Datasheet HTML 2Page - NEC UPC2723 Datasheet HTML 3Page - NEC UPC2723 Datasheet HTML 4Page - NEC UPC2723 Datasheet HTML 5Page - NEC UPC2723 Datasheet HTML 6Page - NEC UPC2723 Datasheet HTML 7Page - NEC UPC2723 Datasheet HTML 8Page - NEC UPC2723 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
µµµµµPC2723T
TEST CIRCUIT
1
2
3
4
5
1 500 pF
C2
50
Ω
OUT
C6
1 500 pF
C3
1k
Ω
C5
RAGC
1 500 pF
VAGC
C4
0.68 F
VCC
Tantalum capacitor
1 500 pF
50
Ω
IN
6
C1
1 500 pF
µ
INTERNAL BLOCK DIAGRAM
VAGC
LEVEL
SHIFTER
LEVEL
SHIFTER
AGC AMP
RFIN
IN
(BYPASS)
RFOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com