Electronic Components Datasheet Search
  English  ▼

X  

UPC2723 Datasheet(PDF) 11 Page - NEC

Part # UPC2723
Description  1.1 GHz AGC AMPLIFIER FOR DBS TUNER AND MOBILE TELEPHONE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2723 Datasheet(HTML) 11 Page - NEC

Back Button UPC2723 Datasheet HTML 4Page - NEC UPC2723 Datasheet HTML 5Page - NEC UPC2723 Datasheet HTML 6Page - NEC UPC2723 Datasheet HTML 7Page - NEC UPC2723 Datasheet HTML 8Page - NEC UPC2723 Datasheet HTML 9Page - NEC UPC2723 Datasheet HTML 10Page - NEC UPC2723 Datasheet HTML 11Page - NEC UPC2723 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
µµµµµPC2723T
NOTE ON CORRECT USE
(1)
Observe precautions for handling because of electro-static sensitive devices.
(2)
Form a ground pattern as wide as possible to minimize ground impedance (to prevent undesired oscillation).
(3)
Keep the wiring length of the ground pins as short as possible.
(4)
Connect a bypass capacitor (e.g. 1 000 pF) to the VCC pin.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered in the following recommended conditions. Other soldering methods and conditions than
the recommended conditions are to be consulted with our sales representatives.
µPC2723T
Soldering method
Infrared ray reflow
VPS
Wave soldering
Pin part heating
Soldering conditions
Package peak temperature: 235
°C,
Hour: within 30 s. (more than 210
°C),
Time: 2 times, Limited days: no.*
Package peak temperature: 215
°C,
Hour: within 40 s. (more than 200
°C),
Time: 2 times, Limited days: no.*
Soldering tub temperature: less than 260
°C,
Hour: within 10 s.
Time: 1 time, Limited days: no.
Pin area temperature: less than 300
°C,
Hour: within 3 s/pin.
Limited days: no.*
Recommended
condition symbol
IR35–00-2
VP15–00-2
WS60–00-1
*: It is the storage days after opening a dry pack, the storage conditions are 25
°C, less than 65 % RH.
Note 1. The combined use of soldering method is to be avoided (However, except the pin area heating method).
For details of recommended soldering conditions for surface mounting, refer to information document
SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL (IEI-1207).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com