Electronic Components Datasheet Search
  English  ▼

X  

UPC2723 Datasheet(PDF) 2 Page - NEC

Part # UPC2723
Description  1.1 GHz AGC AMPLIFIER FOR DBS TUNER AND MOBILE TELEPHONE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2723 Datasheet(HTML) 2 Page - NEC

  UPC2723 Datasheet HTML 1Page - NEC UPC2723 Datasheet HTML 2Page - NEC UPC2723 Datasheet HTML 3Page - NEC UPC2723 Datasheet HTML 4Page - NEC UPC2723 Datasheet HTML 5Page - NEC UPC2723 Datasheet HTML 6Page - NEC UPC2723 Datasheet HTML 7Page - NEC UPC2723 Datasheet HTML 8Page - NEC UPC2723 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
µµµµµPC2723T
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VCC
4.5
5
5.5
V
Operating Temperature
Topt
–40
+25
+85
°C
ELECTRICAL CHARACTERISTICS (TA = 25
°C, VCC = 5 V, ZS = ZL = 50 Ω)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITION
Circuit Current
ICC
11
15
19
mA
No signal
Maximum Power Gain
GPMAX.
9.5
13
14.5
dB
f = 500 MHz
Noise Figure
NF
–
11
13.5
dB
f = 500 MHz, at GPMAX.
Upper Limit Operating Frequency
fu
0.8
1.1
–
GHz
3 dB down below flat gain
f = 0.1 GHz at GPMAX.
AGC Dynamic Range
GCR
33
38
–
dB
f = 500 MHz, VAGC = 0 to 5.0 V
Isolation
ISL
32
37
–
dB
f = 500 MHz, at GPMAX.
Input Return Loss
RLin
9
12
–
dB
f = 500 MHz, at GPMAX.
Output Return Loss
RLout
2
4
–
dB
f = 500 MHz, at GPMAX.
Maximum Output
PO(sat)
–5
–2
–
dBm
f = 500 MHz, Pin = –5 dBm at GPMAX.
PARAMETER
SYMBOL
RATING
UNIT
CONDITION
Supply Voltage
VCC
6.0
V
TA = +25
°C
AGC Control Voltage
VAGC
6.0
mA
TA = +25
°C
Total Power Dissipation
PD
280
mW
Mounted on double sided copper 50
× 50 × 1.6 mm
epoxy glass PWB (TA = +85
°C)
Operating Temperature
Topt
–40 to +85
°C
Storage Temperature
Tstg
–55 to +150
°C
Input Power
Pin
0
dBm
TA = +25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com