Electronic Components Datasheet Search
  English  ▼

X  

UPC2723 Datasheet(PDF) 5 Page - NEC

Part # UPC2723
Description  1.1 GHz AGC AMPLIFIER FOR DBS TUNER AND MOBILE TELEPHONE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2723 Datasheet(HTML) 5 Page - NEC

  UPC2723 Datasheet HTML 1Page - NEC UPC2723 Datasheet HTML 2Page - NEC UPC2723 Datasheet HTML 3Page - NEC UPC2723 Datasheet HTML 4Page - NEC UPC2723 Datasheet HTML 5Page - NEC UPC2723 Datasheet HTML 6Page - NEC UPC2723 Datasheet HTML 7Page - NEC UPC2723 Datasheet HTML 8Page - NEC UPC2723 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
µµµµµPC2723T
TYPICAL CHARACTERISTICS (TA = +25
°C)
10
0
10
1
2
3
4
5
6
5
20
15
20
–30
0
–20
–10
10
0
20
2
4
6
0
20
40
60
80
–40
–20
–60
–40
–20
0
20
40
VAGC = 3.3 V
VAGC = 3.6 V
VAGC = 3.68 V
VAGC = 3.71 V
VAGC = 3.8 V
0.01
0.1
1.0
3.0
0.01
0.1
1.0
3.0
20
15
10
5
0
VCC = 5.0 V
VAGC = 1.0 V
VCC = 5.0 V
VAGC = 1.0 V
No input signal
VAGC = 1.0 V
No input signal
ICC – VCC
ICC – Topt
GP – VAGC
GP – f
NF, GP – f
GP – f
VCC – Supply Voltage – V
Topt – Operating Temperature – °C
f – Frequency – GHz
f – Frequency – GHz
f – Frequency – GHz
VAGC – AGC Control Voltage – V
5
10
15
VCC = 5.0 V
f = 500 MHz
VCC = 5.0 V
TA = –40 °C
TA = +85 °C
TA = +25 °C
5
10
15
20
0.01
0.1
1.0
3.0
0
–5
VCC = 5.5 V
VCC = 5.0 V
VCC = 4.5 V
GPMAX.
VCC = 5.0 V
VAGC = 1.0 V
RAGC =1 k
Ω
15 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com