Electronic Components Datasheet Search
  English  ▼

X  

HMP9701 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HMP9701
Description  AC??7 Audio Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP9701 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HMP9701 Datasheet HTML 5Page - Intersil Corporation HMP9701 Datasheet HTML 6Page - Intersil Corporation HMP9701 Datasheet HTML 7Page - Intersil Corporation HMP9701 Datasheet HTML 8Page - Intersil Corporation HMP9701 Datasheet HTML 9Page - Intersil Corporation HMP9701 Datasheet HTML 10Page - Intersil Corporation HMP9701 Datasheet HTML 11Page - Intersil Corporation HMP9701 Datasheet HTML 12Page - Intersil Corporation HMP9701 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Record Gain Registers (Index 1Ch and 1Eh)
These registers control the record gain for both the MIC
input and the selected stereo inputs (see Record Select
Register). The gain is programmed in steps of 1.5dB and
ranges from 0dB to +22.5dB. The MSB of the register is the
mute bit. When this bit is set to 1 the level for that channel(s)
is set at -
∞dB.
General Purpose Register (Index 20h)
This register is used to control several miscellaneous func-
tions within the HMP9701. These include the selection of
Mic input source, the selection of MONO_OUT source, and
activation of ADC/DAC loopback mode. When loopback
mode is enabled, the ADC output is looped back to the DAC
input bypassing the AC-link, thus allowing for full system per-
formance measurements.
Powerdown Control/Status Register (Index 26h)
This register is used to program the HMP97901’s power-
down states and monitor subsystem status. The upper bits
of this register are used to power up/down individual sec-
tions within the codec as summarized in Table 18.
The lower byte of this register is used to monitor the status of
individual sections with in the HMP9701. The status bits, as
summarized in Table 19, indicate whether a subsection is in
it’s normal operational state (Ready). Note: the status bits
are read only, and writes to this register will have no effect on
the state of these bits.
When the AC-link “Codec Ready” indicator bit (SDATA_IN
slot 0, bit 15) is a 1, it indicates that the AC-link and AC‘97
control and status registers are in a fully operational state. It
is the responsibility of the digital controller to further probe
the Powerdown Control/Status Register to determine exactly
which subsections, if any, are ready.
Reserved Registers (Index 28h - 7ah)
These are reserved. Do not write to these registers.
Vendor ID Registers (Index 7Ch - 7Eh)
This register contains the Harris Semiconductor vendor ID.
The ID method is a Microsoft’s Plug and Play Vendor ID
code with F7:0 the first character of that ID, S7:0 the second
character and T7:0 the third character. These three charac-
ters are ASCII encoded, and they will read back as ‘HRS’.
The REV7:0 field is for the Revision number.
TABLE 15. RECORD SELECT LEFT CHANNEL
SL2:0
RIGHT RECORD SOURCE
0
MIC
1
CD_L
2
VIDEO_L
3
AUX_L
4
LINE_IN_L
5
Stereo Mix Right
6
Mono Mix
7
PHONE
Default: 000 (MIC in)
TABLE 16. RECORD GAIN SETTINGS
MUTE
PV3:0
FUNCTION
0
0 1111
+22.5dB Gain
0
0 0000
0dB Gain
1
x xxxx
-
∞dB Gain
Default: 8000h (0dB Gain with Mute on)
TABLE 17. GENERAL PURPOSE CONTROL
BIT
FUNCTION
MIX
Mono Output Select (0 = Mix, 1 = MIC)
MS
Mic Select (1 = Mic2, 0 = Mic1)
LPBK
ADC/DAC Loopback Mode
Default: 0000h
TABLE 18. POWERDOWN CONTROL
BIT
FUNCTION
PR0
Input Mux and ADC’s (1 = PWR Down, 0 = PWR Up)
PR1
DACs (1 = PWR Down, 0 = PWR Up)
PR2
Analog Mixer Powerdown with VREF Left On
(1 = PWR Down, 0 = PWR Up)
PR3
Analog Mixer Powerdown with VREF Turned Off
(1 = PWR Down, 0 = PWR Up)
PR4
Digital Interface (AC Link) powerdown (BCLK off)
(1 = PWR Down, 0 = PWR Up)
PR5
Internal Clock Disable (1 = CLK Off, 0 = CLK On)
Default: na
TABLE 19. POWERDOWN STATUS
BIT
FUNCTION
REF
VREFs at Nominal Level
(1 = VREF Ready, 0 = VREF Down)
ANL
Analog Mixer Powerdown
(1 = Mixer Up, 0 = Mixer Down)
DAC
DAC Ready for Audio Samples
(1 = Ready, 0 = Not Ready)
ADC
ADC Section Ready to Record
(1 = Ready, 0 = Not Ready)
Default: na
HMP9701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com