Electronic Components Datasheet Search
  English  ▼

X  

HMP9701 Datasheet(PDF) 17 Page - Intersil Corporation

Part # HMP9701
Description  AC??7 Audio Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP9701 Datasheet(HTML) 17 Page - Intersil Corporation

Back Button HMP9701 Datasheet HTML 12Page - Intersil Corporation HMP9701 Datasheet HTML 13Page - Intersil Corporation HMP9701 Datasheet HTML 14Page - Intersil Corporation HMP9701 Datasheet HTML 15Page - Intersil Corporation HMP9701 Datasheet HTML 16Page - Intersil Corporation HMP9701 Datasheet HTML 17Page - Intersil Corporation HMP9701 Datasheet HTML 18Page - Intersil Corporation HMP9701 Datasheet HTML 19Page - Intersil Corporation HMP9701 Datasheet HTML 20Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
Typical Performance Curves ADC/DAC Frequency Responses
FIGURE 10. ANALOG-TO-DIGITAL FREQUENCY RESPONSE
(FULL SCALE LINE INPUTS, 0dB)
FIGURE 11. ANALOG-TO-DIGITAL PASSBAND FREQUENCY
RESPONSE (FULL SCALE LINE INPUTS, 0dB)
FIGURE 12. ANALOG-TO-DIGITAL TRANSITION BAND
FREQUENCY RESPONSE (FULL SCALE LINE
INPUTS, 0dB)
FIGURE 13. DIGITAL-TO-ANALOG FREQUENCY RESPONSE
(FULL SCALE INPUTS, 0dB)
FIGURE 14. DIGITAL-TO-ANALOG PASSBAND FREQUENCY
RESPONSE (FULL SCALE INPUTS, 0dB)
FIGURE 15. DIGITAL-TO-ANALOG TRANSITION BAND FRE-
QUENCY RESPONSE (FULL SCALE INPUTS, 0dB)
FREQUENCY (xFS)
10
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
FREQUENCY (xFS)
0.02
0
-0.02
-0.04
-0.06
-0.08
-0.10
-0.12
-0.14
-0.16
-0.18
-0.2
FREQUENCY (xFS)
10
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
FREQUENCY (xFS)
10
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
FREQUENCY (xFS)
0.05
0
-0.05
-0.10
-0.15
-0.20
FREQUENCY (xFS)
10
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
HMP9701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com