Electronic Components Datasheet Search
  English  ▼

X  

HMP9701 Datasheet(PDF) 16 Page - Intersil Corporation

Part # HMP9701
Description  AC??7 Audio Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP9701 Datasheet(HTML) 16 Page - Intersil Corporation

Back Button HMP9701 Datasheet HTML 12Page - Intersil Corporation HMP9701 Datasheet HTML 13Page - Intersil Corporation HMP9701 Datasheet HTML 14Page - Intersil Corporation HMP9701 Datasheet HTML 15Page - Intersil Corporation HMP9701 Datasheet HTML 16Page - Intersil Corporation HMP9701 Datasheet HTML 17Page - Intersil Corporation HMP9701 Datasheet HTML 18Page - Intersil Corporation HMP9701 Datasheet HTML 19Page - Intersil Corporation HMP9701 Datasheet HTML 20Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
Master Volume Span for LINE_OUT, MONO_OUT (0dB to -46.5dB)
-
46.5
-
dB
Master Volume Step Size
-
1.5
± 0.2
-
dB
Mixer Input Gain Span for LINE_IN, CD, VIDEO, AUX, PHONE, MIC (+12dB to -34.5dB)
-
46.5
-
dB
Mixer Input Gain Step SIze
-
1.5
± 0.2
-
dB
PC_BEEP Attenuation Span (0dB to 45dB)
-
45
-
dB
PC_BEEP Attenuation Step Size
-
3
± 0.2
-
dB
Programmable Attenuation/Gain (Note 2) (Continued)
PARAMETER
MIN
TYP
MAX
UNIT
Analog Inputs (Note 2)
PARAMETER
MIN
TYP
MAX
UNIT
COMMENT
Full Scale Input Voltages
MIC Inputs with 0dB Gain
-
2.83
± 10%
-
VPP
MIC Inputs with 0dB Gain
-
1.0
-
VRMS
MIC Inputs with 20dB Gain Enabled
-
0.283
± 10%
-
VPP
MIC Inputs with 20dB Gain Enabled
-
0.1
-
VRMS
LINE_IN, CD, VIDEO, AUX, and PHONE Inputs
-
2.83
± 10%
-
VPP
LINE_IN, CD, VIDEO, AUX, and PHONE Inputs
-
1.0
-
VRMS
Input Impedance
10
-
-
k
Ω
Note 3
Input Capacitance
-
15
-
pF
Note 3
Analog Outputs (Note 2)
PARAMETER
MIN
TYP
MAX
UNIT
COMMENT
Full Scale Output Voltages
LINE_OUT and MONO_OUT
-
2.83
± 10%
-
VPP
LINE_OUT and MONO_OUT
-
1.0
-
VRMS
External Load Impedance
10
-
-
k
Ω
External Load Capacitance
-
-
50
pF
Note 3
VREF Output Voltage
-
2.25
± 10%
-
V
VREF Drive Current
-
5
-
mA
VREF Output Impedance
-
4
-
k
Ω
Note 3
NOTES:
2. TA = 25
oC, V
AA = VDD = 5.0V
3. Guaranteed but not production tested.
4. Based on 1kHz, Full scale analog tone input; Measurement Bandwidth is 20 to 20kHz, A-weighted.
5. DAC’s driven with 1kHz, Full Scale PCM Sine Wave, output measurement bandwidth is 20 to 20kHz, A-weighted.
6. Test performed with CL = 40pF, IOL = 4mA, IOH = -4mA. Input reference level is 1.5V for all inputs. VIH = 3.0V, VIL = 0V.
7. This is measured relative to a nominal output level.
HMP9701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com