Electronic Components Datasheet Search
  English  ▼

X  

HMP9701 Datasheet(PDF) 14 Page - Intersil Corporation

Part # HMP9701
Description  AC??7 Audio Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP9701 Datasheet(HTML) 14 Page - Intersil Corporation

Back Button HMP9701 Datasheet HTML 10Page - Intersil Corporation HMP9701 Datasheet HTML 11Page - Intersil Corporation HMP9701 Datasheet HTML 12Page - Intersil Corporation HMP9701 Datasheet HTML 13Page - Intersil Corporation HMP9701 Datasheet HTML 14Page - Intersil Corporation HMP9701 Datasheet HTML 15Page - Intersil Corporation HMP9701 Datasheet HTML 16Page - Intersil Corporation HMP9701 Datasheet HTML 17Page - Intersil Corporation HMP9701 Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
Timing Specifications (Notes 2, 6)
PARAMETER
SYMBOL
TEST CONDITION
HMP9701CN
UNITS
MIN
TYP
MAX
BIT_CLK Frequency
24.576MHz Xtal, Note 3
-
12.288
-
MHz
BIT_CLK Period
tBCP
24.576MHz Xtal, Note 3
-
81.4
-
ns
BIT_CLK High
tBCH
Note 3
32.56
-
48.84
ns
BIT_CLK Low
tBCL
Note 3
32.56
-
48.84
ns
Sync Pulse Frequency
-
48
-
kHz
Sync Period
tSP
-
20.8
-
µs
Sync High
tSH
-16*tBCP
-
µs
Sync Low
tSL
-
240*tBCP
-
µs
Setup Time SDATA_OUT, SDATA_IN,
SYNC to BIT_CLK
tSU
Note 3
15
-
-
ns
Hold Time SDATA_OUT, SDATA_IN,
SYNC to BIT_CLK
tHD
5-
-
ns
RESET Low Pulse Width
(for Cold Reset)
tCRL
1.0
-
-
µs
RESET Inactive to BIT_CLK Start Up
(for Cold Reset)
tR2BC
2*tBCP
--
ns
SYNC Acitve High Pulse Width
(for Warm Reset)
tSRH
-
1.3
-
µs
SYNC Inactive Low to BIT_CLK Start Up
(for Warm Reset)
tS2BC
2*tBCP
--
ns
End of Slot 2 to BIT_CLK, SDATA_IN Low
(for AC Link Powerdown)
tPDWN
--
1
µs
SDATA_OUT to RESET High
(for ATE Test Mode)
tSU2RST
15
-
-
ns
RESET High to Hi-Z
(for ATE Test Mode)
tHZ
Note 3
-
-
25
ns
Digital Filter Characteristics (Note 3)
PARAMETER
MIN
TYP
MAX
UNIT
Passband
0
-
0.4xFs
Hz
Transition Band
0.4xFs
-
0.6xFs
Hz
Passband Ripple (0 - 0.4Fs)
-
-
±0.03
dB
Stopband
0.6xFs
-
-
Hz
Stopband Rejection
76
-
-
dB
Group Delay
-
-
18/Fs
s
HMP9701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com