Electronic Components Datasheet Search
  English  ▼

X  

HMP9701 Datasheet(PDF) 18 Page - Intersil Corporation

Part # HMP9701
Description  AC??7 Audio Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP9701 Datasheet(HTML) 18 Page - Intersil Corporation

Back Button HMP9701 Datasheet HTML 12Page - Intersil Corporation HMP9701 Datasheet HTML 13Page - Intersil Corporation HMP9701 Datasheet HTML 14Page - Intersil Corporation HMP9701 Datasheet HTML 15Page - Intersil Corporation HMP9701 Datasheet HTML 16Page - Intersil Corporation HMP9701 Datasheet HTML 17Page - Intersil Corporation HMP9701 Datasheet HTML 18Page - Intersil Corporation HMP9701 Datasheet HTML 19Page - Intersil Corporation HMP9701 Datasheet HTML 20Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
AC Timing Waveforms
FIGURE 16. COLD RESET TIMING
FIGURE 17. ATE TEST MODE
FIGURE 18. WARM RESET TIMING
FIGURE 19. RISE AND FALL TIMES
FIGURE 20. CLOCKS
FIGURE 21. POWERDOWN
FIGURE 22. DIGITAL SETUP AND HOLD
tCRL
tR2BC
RESET
BIT_CLK
tSU2RST
tHZ
Hi-Z
RESET
SDATA_OUT
BIT_CLK,
SDATA_IN
tSRH
tS2BC
SYNC
BIT_CLK
trf
trf
BIT_CLK,
SDATA_IN
0.8V
2.0V
tBCH
tBCL
BIT_CLK
tSH
tSL
SYNC
SLOT 12
TAG
WRITE
TO 26h
DATA
PR4 = 1
SLOT 12
TAG
NOTE: BCLK not to scale.
SLOT 1
SLOT 2
tPDWN
BIT_CLK
SDATA_IN
SDATA_OUT
DON’T
CARE
tSU
tHD
SYNC
BIT_CLK
SDATA_IN
SDATA_OUT
HMP9701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com