Electronic Components Datasheet Search
  English  ▼

X  

HMP9701 Datasheet(PDF) 20 Page - Intersil Corporation

Part # HMP9701
Description  AC??7 Audio Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP9701 Datasheet(HTML) 20 Page - Intersil Corporation

Back Button HMP9701 Datasheet HTML 12Page - Intersil Corporation HMP9701 Datasheet HTML 13Page - Intersil Corporation HMP9701 Datasheet HTML 14Page - Intersil Corporation HMP9701 Datasheet HTML 15Page - Intersil Corporation HMP9701 Datasheet HTML 16Page - Intersil Corporation HMP9701 Datasheet HTML 17Page - Intersil Corporation HMP9701 Datasheet HTML 18Page - Intersil Corporation HMP9701 Datasheet HTML 19Page - Intersil Corporation HMP9701 Datasheet HTML 20Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
Typical Application Schematic Notes
1. A note about the capacitors used for coupling externally
input audio or for outputting audio externally:
The capacitance value and the associated circuit imped-
ances will determine the lower frequency cutoff of the au-
dio signal. The designer must determine what the circuit
impedances are and select the coupling capacitor value
accordingly. Ceramic types (over electrolytic) are highly
recommended.
2. The crystal should be a parallel resonant type, frequency is
24.756MHz, initial room temperature tolerance of 50ppm,
and a load cap of about 16-20pF.
3. It is recommended to decouple each analog and digital
power supply pin with a combination of a small value and
large value bypass capacitor. The large value capacitor
should be either a tantalum or aluminum electrolytic type.
4. Locate all decoupling capacitors CLOSE to their associat-
ed pins on the codec.
5. Please note that all analog inputs and outputs of the
HMP9701 codec are at the DC level of VREF and require
AC coupling to zero biased signal sources and destina-
tions.
6. Keep all analog input and output traces as short as possi-
ble, prevent any coupling from adjacent digital lines.
7. For optimum performance, it is preferred to layout sepa-
rate analog and digital ground planes, joining them togeth-
er at a point directly adjacent to the codec (i.e., directly
under it). This case is true even if the designer is using a
single supply for the codec; the single supply would have
adequate decoupling/isolation between the digital and an-
alog sections.
8. When using an external clock source, please feed that sig-
nal into XTL_OUT (not XTL_IN) and leave XTL_IN uncon-
nected. Also, do not use any capacitors between XTL_IN
and GND or XTL_OUT and GND in that mode.
HMP9701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com