Electronic Components Datasheet Search
  English  ▼

X  

HMP9701 Datasheet(PDF) 12 Page - Intersil Corporation

Part # HMP9701
Description  AC??7 Audio Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP9701 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HMP9701 Datasheet HTML 8Page - Intersil Corporation HMP9701 Datasheet HTML 9Page - Intersil Corporation HMP9701 Datasheet HTML 10Page - Intersil Corporation HMP9701 Datasheet HTML 11Page - Intersil Corporation HMP9701 Datasheet HTML 12Page - Intersil Corporation HMP9701 Datasheet HTML 13Page - Intersil Corporation HMP9701 Datasheet HTML 14Page - Intersil Corporation HMP9701 Datasheet HTML 15Page - Intersil Corporation HMP9701 Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LINE_IN_R
24
I
Right Line Input. The right line-level may be selected for recording via one of the stereo ADC’s via
the Input Mux. In addition, this input can be gained/attenuated from +12dB to -34.5dB in 1.5dB
steps and then summed with right line output (LINE_OUT_R).
CD_L
18
I
Left CD Audio Channel. This line-level input may be input to one of the stereo ADC’s via the Input
Mux. It can also be gained/attenuated from +12dB to -34.5dB in 1.5dB steps and then summed with
the Left Line Output (LINE_OUT_L).
CD_GND
19
I
CD Audio Analog Ground.
CD_R
20
I
Right CD Audio Channel. This line-level input is selected for input to one of the stereo ADCs via the
Input Mux. It can also be gained/attenuated from +12dB to -34.5dB in 1.5dB steps and then
summed with the Right Line Output (LINE_OUT_R).
VIDEO_L
16
I
Left Video Input. This line-level input is driven with the left channel audio track from a video source.
The signal is selected for input to one of the stereo ADCs via the Input Mux, and it can be gained/at-
tenuated from +12dB to -34.5dB in 1.5dB steps and then summed with Left Line Output
(LINE_OUT_L).
VIDEO_R
17
I
Right Video Input. This line-level input is driven with the right channel audio track from a video
source. The signal is selected for input to one of the stereo ADCs via the Input Mux, and it can be
gained/attenuated from +12dB to -34.5dB in 1.5dB steps and then summed with Right Line Output
(LINE_OUT_R).
AUX_L
14
I
Left Auxiliary Input. This line-level input is input to one of the stereo ADCs via the Input Mux. It can
also be gained/attenuated from +12dB to -34.5dB in 1.5dB steps and then summed with the Left
Line Output (LINE_OUT_L).
AUX_R
15
I
Right Auxiliary Input. This line-level input is input to one of the stereo ADCs via the Input Mux. It
can also be gained/attenuated from +12dB to -34.5dB in 1.5dB steps and then summed with the
Right Line Output (LINE_OUT_R).
LINE_OUT_L
35
O
Left Line Output. This line level output is the post-mixed output for the left audio channel. The audio out-
put passes through a Master Volume block that provides attenuation from 0dB to 45dB in 1.5dB steps.
LINE_OUT_R
36
O
Right Line Output. This line level output is the post-mixed output for the right audio channel. The
audio output passes through a Master Volume block that provides attenuation from 0dB to 45dB in
1.5dB steps.
MONO_OUT
37
O
Mono Output. This user selectable line level output is either the post-mixed output or the micro-
phone input. The mono output passes through a Mono Volume block that provides attenuation from
0dB to 45dB in 1.5dB steps.
MISCELLANEOUS
VREF
27
O
Voltage Reference. Nominal 2.25V reference output. Should not be used to sink or source current.
VREFOUT
28
O
Voltage Reference Out. Nominal 2.25V reference output with 5mA drive capability. Intended a
microphone bias.
AFILT1
29
O
Anti-Alias Filter 1 (Left Record Channel). This pin requires a 1nF capacitor to analog ground for
proper operation.
AFILT2
30
O
Anti-Alias Filter 2 (Right Record Channel). This pin requires a 1nF capacitor to analog ground for
proper operation.
AFILT3
31
O
Anti-Alias Filter 3 (MIC Record Channel). This pin requires a 1nF capacitor to analog ground for
proper operation.
CAP1, CAP2
33, 34
O
Left Channel DC Blocking CAP. For proper operation connect a 1
µF capacitor between these two pins.
CAP3, CAP4
39, 40
O
Right Channel DC Blocking CAP. For proper operation connect a 1
µF capacitor between these
two pins.
XTL_IN
2
I
24.576MHz Crystal Input. Leave this pin unconnected when using an external clock source.
XTL_OUT
3
O
24.576MHz Crystal Output. This pin may also be used to input an external 24.576MHz clock
source.
VAA
25, 38
I
Analog Supply Voltage (5.0V).
AGND
26, 42
I
Analog Ground.
VDD
1, 9
I
Digital Supply Voltage (5.0V).
GND
4, 7
I
Digital Ground.
Pin Descriptions (Continued)
NAME
TQFP PIN
NUMBER
INPUT/
OUTPUT
DESCRIPTION
HMP9701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com