Electronic Components Datasheet Search
  English  ▼

X  

UPD16664 Datasheet(PDF) 32 Page - NEC

Part # UPD16664
Description  144/160/184/208-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16664 Datasheet(HTML) 32 Page - NEC

Back Button UPD16664 Datasheet HTML 28Page - NEC UPD16664 Datasheet HTML 29Page - NEC UPD16664 Datasheet HTML 30Page - NEC UPD16664 Datasheet HTML 31Page - NEC UPD16664 Datasheet HTML 32Page - NEC UPD16664 Datasheet HTML 33Page - NEC UPD16664 Datasheet HTML 34Page - NEC UPD16664 Datasheet HTML 35Page - NEC UPD16664 Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
Data Sheet S13780EJ1V0DS00
32
µµµµ PD16664
19. EXAMPLE OF CONNECTING OF INTERNAL SCHOTTKY BARRIER DIODE OF MODULE TO
REINFORCE POWER SUPPLY PROTECTION
VDDNote
VCC1
V2
V1
V0
VSS
VEENote
Diodes enclosed in a dotted line in the above figure must be connected
when V0 is other than 0 V (GND).
Note VDD and VEE are LCD power supply lines of row driver.
Remark Use schottky barrier diodes with Vf = 0.5 V or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com