Electronic Components Datasheet Search
  English  ▼

X  

UPD16664 Datasheet(PDF) 47 Page - NEC

Part # UPD16664
Description  144/160/184/208-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16664 Datasheet(HTML) 47 Page - NEC

Back Button UPD16664 Datasheet HTML 43Page - NEC UPD16664 Datasheet HTML 44Page - NEC UPD16664 Datasheet HTML 45Page - NEC UPD16664 Datasheet HTML 46Page - NEC UPD16664 Datasheet HTML 47Page - NEC UPD16664 Datasheet HTML 48Page - NEC UPD16664 Datasheet HTML 49Page - NEC UPD16664 Datasheet HTML 50Page - NEC UPD16664 Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
Data Sheet S13780EJ1V0DS00
47
µµµµ PD16664
22. PACKAGE DRAWINGS
Standard TCP Package Drawing (
µµµµPD16664N-001) (1/3)
Material
Polyimide UPILEX-S
t = 75
µm
Adhesive Epoxy
t = 12
µm
Copper
Electrolysis Cu
t = 18
µm
Plating
Sn
t = 0.15
µm min
Solder Resist Epoxy
t = 25
µm
This products is single side Flex type.
This figure is shown by Copper side over Polymide.
All tolerances unless otherwise specified 0.05 mm.
Corner radius is 0.30 mm MAX.
13 Sprocket holes (61.75 mm) for 1 Pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com