Electronic Components Datasheet Search
  English  ▼

X  

UPD16664 Datasheet(PDF) 41 Page - NEC

Part # UPD16664
Description  144/160/184/208-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16664 Datasheet(HTML) 41 Page - NEC

Back Button UPD16664 Datasheet HTML 37Page - NEC UPD16664 Datasheet HTML 38Page - NEC UPD16664 Datasheet HTML 39Page - NEC UPD16664 Datasheet HTML 40Page - NEC UPD16664 Datasheet HTML 41Page - NEC UPD16664 Datasheet HTML 42Page - NEC UPD16664 Datasheet HTML 43Page - NEC UPD16664 Datasheet HTML 44Page - NEC UPD16664 Datasheet HTML 45Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
Data Sheet S13780EJ1V0DS00
41
µµµµ PD16664
{VCC2 = 2.4 to 3.0 V
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
/OE,/WE recovery time
tRY
40
ns
Address setup time
tAS
20
ns
Address hold time
tAH
30
ns
RDY output delay time
tRYR
CL = 15 pF
40
ns
RDY float time
Note 1
tRYZ
40
ns
Wait status time
Note 2
tRYW
50
ns
Ready status time (without conflict)
Note 2
tRYF1
120
ns
Ready status time (with conflict)
Note 2
tRYF2
1600
ns
Data access time (read cycle)
Note 3
tACS
120
ns
Data float time (read cycle)
Note 1
tHZ
50
ns
/CS - /OE time (read cycle)
tCSOE
20
ns
/OE - /CS time (read cycle)
tOECS
30
ns
Write pulse width 1 (write cycle 1)
Note 2
tWP1
60
ns
Write pulse width 2 (write cycle 2)
Note 2
tWP2
60
ns
Data setup time (write cycles 1, 2)
tDW
30
ns
Data hold time (write cycles 1, 2)
tDH
30
ns
/CS - /WE time (write cycles 1, 2)
tCSWE
20
ns
/WE - /CS time (write cycles 1, 2)
tWECS
30
ns
Reset pulse width
tWRES
120
ns
RDY - /OE time
tRDOE
Note 4
–
RDY - /WE time
tRDWE
Note 4
–
Notes 1. Load circuit
1.0 k
Ω
1.8 k
Ω
VCC2
5 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com