Electronic Components Datasheet Search
  English  ▼

X  

UPD16664 Datasheet(PDF) 4 Page - NEC

Part # UPD16664
Description  144/160/184/208-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16664 Datasheet(HTML) 4 Page - NEC

  UPD16664 Datasheet HTML 1Page - NEC UPD16664 Datasheet HTML 2Page - NEC UPD16664 Datasheet HTML 3Page - NEC UPD16664 Datasheet HTML 4Page - NEC UPD16664 Datasheet HTML 5Page - NEC UPD16664 Datasheet HTML 6Page - NEC UPD16664 Datasheet HTML 7Page - NEC UPD16664 Datasheet HTML 8Page - NEC UPD16664 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
Data Sheet S13780EJ1V0DS00
4
µµµµ PD16664
3. BLOCK FUNCTION
(1) Address management circuit
This circuit converts addresses from the system via A0 to A16 into addresses corresponding to the memory map
of the internal RAM.
By using this function and four
µ PD16664 modules, addresses for up to 416 × 320 pixels can be managed,
making it easy to construct a liquid crystal display system.
Addresses 1FF00H to 1FF1EH are allocated to a gray level palette register, and any four gray levels can be
selected from a 25-level palette.
(2) Arbiter
This circuit arbitrates conflicts between access by the system to the RAM and reading the RAM by the LCD
driver.
(3) RAM
This is a static RAM of 208 x 160 x 2 bits (single port).
(4) Data bus control
This circuit controls the data transfer direction depending on whether the system reads or writes the RAM of the
µ PD16664.
The data bus width can be changed between 8 and 16 bits by the BMODE pin.
(5) Gray level generation circuit
This circuit offers 25 levels by means of frame interpolation and pulse width modulation.
(6) Internal timing generation
This circuit generates internal timing signals for each block from the /FRM and STB signals.
(7) CR oscillator
This oscillator generates a clock that serves as the reference of the frame frequency in the master mode.
Because this CR oscillator has an on-chip capacitor, the necessary oscillation frequency can be adjusted by using
an external resistor.
Oscillation is stopped in the slave mode.
(a) 1/160 duty
The frame frequency is 1/1296 of the oscillation frequency of this oscillator. For example, when the frame
frequency is 70 Hz, the oscillation frequency is 90.72 kHz.
(b) 1/128 duty
The frame frequency is 1/1040 of the oscillation frequency of this oscillator. For example, when the frame
frequency is 70 Hz, the oscillation frequency is 72.80 kHz.
(8) Liquid crystal timing generation
This circuit generates the /FRM (frame signal), STB(column drive signal strobe), and PULSE (25-level pulse
modulation clock) signals in the master mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com